Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Capacitance Calculation Accuracy (Supplemental Data)
Accuracy is derived from the current range, voltage range, capacitance measurement and
leakage current measurement integration times, and the guard capacitance of cabling
and step voltage. The information in the chart below is based on the following condi-
tions: Voltage Range ±20 V; Voltage Step: 100 mV; Guard Capacitance: 100 pF; Equivalent
parallel resistance of DUT: 1 × 1015 Ω. The ratio of integration times for capacitance
measurement and leakage current measurement is 1:1.
HRSMU
Current
Range
Integration
Time
Max. Meas.
Value
Resolution
Accuracy
Reading %
Offset
10 pA/
0.5 sec
100 pF/1 pF
5 fF
4.2
70 fF
100 pA
1 sec
2 pF/20 pF
10 fF
4.3
90 fF
2 sec
76 pF/760 pF
20 fF
4.3
130 fF
1 nA
0.1 sec
700 pF
10 fF
0.84
160 fF
0.5 sec
4.5 nF
40 fF
0.85
280 fF
2 sec
18 nF
200 fF
0.93
740 fF
10 nA
0.1 sec
7 nF
10 fF
0.84
200 fF
0.5 sec
45 nF
40 fF
0.85
440 fF
2 sec
180 nF
200 fF
0.93
1.4 pF
10 sec
940 nF
1 pF
1.3
6.2 pF
MPSMU
Current
Integration
Time
Max. Meas.
Value
Resolution
Accuracy
Reading %
Offset
1 nA
0.1 sec
700 pF
10 fF
0.91
170 fF
0.5 sec
4.5 nF
40 fF
0.94
340 fF
2 sec
18 nF
200 fF
1.0
1 pF
10 nA
0.1 sec
7 nF
10 fF
0.91
180 fF
0.5 sec
45 nF
40 fF
0.94
480 fF
2 sec
180 nF
200 fF
1.0
1.6 pF
10 sec
940 nF
1 pF
1.6
7.6 pF
Current compliance must be smaller than the current range. The capacitance of the DUT and measurement path must
be smaller than the maximum measurement value.
Functions
Measurement Setup
Setting
• Fill-in-the-blanks using front-panel or
full-size external keyboard
• Load settings from floppy disk or via the
LAN port
• Program using internal Instrument BASIC
or via GPIB
• HELP Function
• Library: Default measure setup, Vce-Ic,
Vds-Id, Vgs-Id, and Vf-If are predefined
softkeys
• User-defined measurement setup library
• Auto file load function on power-up
Measurement
The 4155C and 4156C can perform dc
or pulsed force/measure, and stress
force. For dc, voltage/current sweep and
sampling (time domain) measurements are
available.
Voltage/Current Sweep
Measurement Characteristics
Each SMU and VSU can sweep
using VAR1 (primary sweep),
VAR2 (subordinate sweep), or
VAR1 (synchronous sweep).
VAR1
Primary sweep controls the staircase (dc
or pulsed) voltage or current sweep.
Maximum number of steps: 1001 for one
VAR1 sweep.
Sweep type: linear or logarithmic
Sweep direction: Single or double sweep
Hold time: Initial wait time or wait time
after VAR2 is set: 0 to 655.35 s with 10
ms resolution
Delay time: Wait time from VAR1 step to
the start of the measurement: 0 to 65.535
s with 100 μs resolution
VAR2
Subordinate linear staircase or linear
pulsed sweep. After primary sweep
is completed, the VAR2 unit output is
incremented.
Maximum number of steps: 128
VAR1'
Staircase or pulse sweep synchronized with
the VAR1 sweep. Sweep is made with a
user specified ratio and offset value. VAR1'
output is calculated as VAR1' = a × VAR1
+ b, where “a” is the user specified ratio
and “b” is the user specified offset value.
CONSTANT
A source unit can be set as a constant
voltage or current source depending on
the unit.
PULSE
One of the SMUs can be set as a pulse
source.
Pulse width: 0.5 ms to 100 ms, 100 μs
resolution.
Pulse period: 5 ms to 1 s (pulse
width + 4 ms), 100 μs resolution.
SMU pulse setting accuracy
(supplemental information, at fixed
range measurement except multichannel
measurement):
Width: 0.5% + 50 μs
Period: 0.5% + 100 μs
Trigger output delay for pulsed measure-
ment: 0 - 32.7 ms with
100 μs resolution (< pulse width).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com