Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  4155C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Introduction
Agilent 4155C and 4156C
Basic functions
• Set measurement and/or stress
conditions
• Control measurement and/or
stress execution
• Perform arithmetic calculations
• Display measured and calculated results
on the LCD display
• Perform graphical analysis
• Store and recall measurement setups, and
measurement and graphical display data
• Dump to printers or plotters
for hardcopy output
• Perform measurement and analysis with
built-in instrument BASIC
• Self test, Auto calibration
Configuration
The 4155C and 4156C are both furnished
with Desktop EasyEXPERT standard edition.
If you want the Desktop EasyEXPERT Plus
edition, you can request the B1541A-002
when you order a 4155C or 4156C. For more
information about the Desktop EasyEXPERT
Plus, please refer to page 11 of this data
sheet.
Agilent 4155C Semiconductor
Parameter Analyzer
Agilent 4156C Precision Semiconductor
Parameter Analyzer
Data Sheet
4155C
4156C
4xMPSMU
4xHRSMU
2xVMU
2xVMU
2xVSU
2xVSU
Desktop
EasyEXPERT
Desktop
EasyEXPERT
SMU: Source monitor unit
Display resolution: 6 digits at each current
range (0.01 fA display resolution at 10
pA range)2
HRSMU: High Resolution SMU
(1 fA/2 μV to 100 mA/100 V)
MPSMU: Medium Power SMU
(10 fA/2 μV to 100 mA/100 V)
HPSMU: High Power SMU
(10 fA/2 μV to 1 A/200 V)
VMU: Voltage Monitor Unit
(0.2 μV resolution in differential mode)
VSU: Voltage Source Unit
PGU: Pulse Generator Unit
(1 channel)
GNDU: Ground Unit
2. Accuracy not guaranteed. Minimum
guaranteed resolution is 1 fA at 10 pA range.
1. Minimum number of installable MPSMU
or PGU is two.
41501B (Optional)
GNDU
2xPGU (Option)¹
HPSMU (Option) or
2xMPSMU (Option)¹


Similar Part No. - 4155C

ManufacturerPart #DatasheetDescription
logo
Heyco.
4155 HEYCO-4155 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Carclo Technical Plasti...
4155 COIL-4155 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
4155 ADAFRUIT-4155 Datasheet
196Kb / 2P
20-pin 0.1" Female Header - White - 5 pack
4-26-19
logo
Tyco Electronics
415500-1 MACOM-415500-1 Datasheet
503Kb / 17P
RF Coax Connectors
logo
Walther-Werke
415504 WALTHER-415504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 4155C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
very tight parameter distribution
Rev.2.2,2014-11-27
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
Tight parameter distribution
06-Mar-2017
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
Tight parameter distribution
17-Nov-2016
logo
TEKTRONIX, INC.
4200A-SCS TEKTRONIX-4200A-SCS Datasheet
3Mb / 45P
4200A-SCS Parameter Analyzer
logo
Maxim Integrated Produc...
78M6612-DB-RF MAXIM-78M6612-DB-RF Datasheet
2Mb / 41P
Minimum and peak parameter tracking
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
Analyzer
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
Parameter of Lens
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
Material & Parameter
V1. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com