Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 12Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 13Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Staircase Sweep with Pulsed Bias
Measurement Mode
This mode forces swept voltage or current,
and measures DC voltage or current. A
second channel can be programmed to
output a pulsed bias voltage or current. A
third channel can be synchronized with the
primary sweep channel as an additional
voltage or current sweep source.
Sampling (Time Domain)
Measurement Mode
This mode displays the time sampled
voltage/current data (by SMU) versus
time.
Sampling channels: up to 6
For sampling intervals < 2 ms, the number
of sampling channels is 1
Sampling points: 1 to 10,001/
(number of channels)
Sampling mode: linear
Sampling interval range:
60 μs to 2 ms, 10 μs resolution
2 ms to 65.535 s, 1 ms resolution
Hold time: -30 ms to -100 μs, 100 μs
resolution
Bias hold time: 0 s
Bias Hold Function
This function is used to keep source output
after measurement. Source modules apply
the specified bias between measurements
in a quick test or application test that
defines some classic test setups, or a
repeat measurement. Also, the source
modules change the output value and the
unused modules are disconnected when
the next measurement is started.
Current Offset Cancel
This function subtracts the offset current
from the current measurement
raw data, and returns the result as the
measurement data. It is used to compen-
sate the error factor (offset current) caused
by the measurement
path such as the measurement cables,
manipulators, or probe card.
Other Measurement Characteristics
Measurement Control:
Single, Repeat, Append, and Stop
SMU Setting Capabilities:
Limited auto ranging, voltage/current
compliance, power compliance,
automatic sweep abort functions
Arithmetic and Analysis Functions
User Functions
Up to 20 user-defined functions can be
defined using arithmetic expressions.
Measured data and pre-defined variables
can be used in the computation, and the
results can be displayed on the LCD.
Analysis Capabilities
Overlay Graph Comparison
A graphics plot can be stored and overlaid.
Scale
Auto scale and zoom
Marker
Marker to min/max, interpolation, direct
marker, and marker skip
Cursor
Direct cursor
Line
Two lines, normal mode, grad mode,
tangent mode, and regression mode
Automatic Analysis Function
On a graphics plot, the markers and lines
can be automatically located using the
auto analysis setup. Parameters can be
automatically determined using automatic
analysis, user function, and read out
functions.
Data Variable Display
Up to 20 user-defined parameters
can be displayed on the graphics
screen.
Analysis Functions
Up to 20 user-defined analysis func-
tions can be defined using arithmetic
expressions.
Measured data, pre-defined variables
and read out functions can be used in
the computation, and the results can be
displayed on the LCD.
Read Out Functions
These built-in functions are for reading
various values related to the marker,
cursor, or line.
Graph Plot
Display Mode
The data display window can be printed.
Only the X-Y graph can be printed.
Graph Plot File
The graph plot can be stored as image data
to clip board or mass storage device.
File type: bmp, gif, png, emf
Output
Display Modes
X-Y graph, list display, and parameter display
X-Y Graph Display
X-axis and up to eight Y-axes
Linear and log scale
Real time graph plotting
List Display
Measurement data and calculated user
function data are listed in conjunction
with VAR1 step number or time domain
sampling step number. Up to 20 data sets
can be displayed.
Other Functions
Import/Export files
File type:
Agilent EasyEXPERT format,
XML-SS format, CSV format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com