Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  4155C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PGU (Pulse Generator Unit)
Specifications
Modes: Pulse or constant
Amplitude: 0 Vp-p to 40 Vp-p
Window: -40.0 V to +40.0 V
Maximum current:
±100 mA
±200 mA (pulse width: ≤1 ms, average
current 100 mA)
Pulse width: 1.0 μs to 9.99 s
Minimum resolution: 100 ns
Pulse period: 2.0 μs to 10.0 s
Minimum resolution: 100 ns
Delay: 0 s to 10 s
Minimum resolution: 100 ns
Transition time: 100 ns to 10 ms
Minimum resolution: 1 ns
Output impedance: 50 Ω or low
impedance (≤1 Ω)
Burst count range: 1 – 65535
Pulse parameter accuracy:
Period: ±(2% +2 ns)
Width: ±(3% +2 ns)
Delay: ±(2% +40 ns)
Transition time: ±(5% +10 ns)
Trigger output:
Level: TTL
Timing: Same timing and width as
PGU1 pulse output
PGU Supplemental Information
Overshoot: ≤±5% of amplitude ±10 mV (50
Ω output impedance to 50 Ω load)
Pulse width jitter: 0.2% + 100 ps
Pulse period jitter: 0.2% + 100 ps
Maximum slew rate: 100 V/μs (50 Ω
output impedance to 50 Ω load)
Noise: 0.2% of range (@ DC output)
Pulse/DC Output Voltage and Accuracy (PGU)
Set
Parameter
Voltage Range
Resolution
Accuracy 1
Base
±20 V
4 mV
±(1% of Base +50 mV +1% of Pulse)
±40 V
8 mV
±(1% of Base +50 mV +1% of Pulse)
Pulse
±20 V
4 mV
±(3% of Base +50 mV)
±40 V
8 mV
±(3% of Base +50 mV)
Note: DC output is performed by the Base Parameter.
1 Accuracy is specified at leading edge - trailing edge = 1 μs
Pulse Range and Pulse Parameter (PGU)
Range
Period
Width
Delay
Set Resolution
1
2 μs -100 μs
1 μs - 99.9 μs
0 - 100 μs
0.1 μs
2
100 μs - 1000 μs
1 μs - 999 μs
0 - 1000 μs
1 μs
3
1 ms - 10 ms
.01 ms - 9.99 ms
0 - 10 ms
10 μs
4
10 ms - 100 ms
0.1 ms - 99.9 ms
0 - 100 ms
100 μs
5
100 ms - 1000 ms
1 ms - 999 ms
0 - 1000 ms
1 ms
6
1 s - 10 s
0.01 s - 9.99 s
0 - 10 s
10 ms
Note: Pulse width is defined when leading time is equal to trailing time.
PGU2 must be set in the same range as PGU1
Leading/Trailing Edge Times (PGU)
Range
Set Resolution
Accuracy
100 ns - 1000 ns
1 ns
±(5% + 10 ns)
0.5 μs - 10 μs
10 ns
±(5% + 10 ns)
5.0 μs - 100 μs
100 ns
±(5% + 10 ns)
50 μs - 1000 μs
1 μs
±(5% + 10 ns)
0.5 ms - 10 ms
10 μs
±(5% + 10 ns)
Restrictions:
Pulse width < Pulse Period, Delay time < Pulse period, Leading time < Pulse width × 0.8
Trailing time < (Pulse period - Pulse width) × 0.8
Period, width, and delay of PGU1 and PGU2 must be in the same range. Leading time and
trailing time for a PGU must be in the same range.
MPSMU Specifications
Same as 4155C MPSMU.
GNDU (Ground Unit)
Specifications
Output Voltage: 0 V ±100 μV
Maximum sink current: 1.6 A
Output terminal/connection:
Single triaxial connector,
Kelvin (remote sensing)
GNDU Supplemental Information
Load Capacitance: ≤1 μF
Cable resistance:
Force ≤1 Ω
Sense ≤10 Ω
HRSMU, MPSMU, HPSMU
Supplemental Information
Maximum capacitive load: 1000 pF
Maximum guard capacitance: 900 pF
Maximum shield capacitance: 5000 pF
Maximum guard offset voltage: ±1 mV
Noise characteristics
(typical, Filter: ON):
Voltage source noise:
0.01% of V range (rms)
Current source noise:
0.1% of I range (rms)
Voltage monitor noise:
0.02% of V range (p-p)
Current monitor noise: 0.2% of I
Output overshoot (typical, Filter: ON):
Voltage source: 0.03% of V range
Current source: 1% of I range
Range switching transient noise (typical,
Filter: ON):
Voltage ranging: 250 mV
Current ranging: 10 mV
Maximum slew rate: 0.2 V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com