Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Automatic Analysis Function
On a graphics plot, the markers and lines
can be automatically located using the
auto analysis setup. Parameters can be
automatically determined using automatic
analysis, user function, and read out
functions.
User Variable
Display the data on the LCD via GPIB or
instrument BASIC.
Output
Display
Display Modes
Graphics and list.
Graphics Display
X-Y or X-Y1/Y2 plot of source current/
voltage, measured current/voltage, time,
or calculated USER FUNCTION data.
List Display
Measurement data and calculated USER
FUNCTION data are listed in conjunction
with VAR1 step number or time domain
sampling step number. Up to eight data
sets can
be displayed.
Display
8.4-inch diagonal color active matrix LCD,
640 dot (H × 480 dot (V). More than 99.99%
of the pixels on an LCD are active.
Hard Copy Functions
Graphics Hard Copy
Measured data and all data appearing on
the LCD can be output via GPIB, parallel
printer port, or network interface to
supported HP plotters or printers. PCL,
HR PCL (high-resolution PCL), and HP-GL
formats are supported (selectable).
Text Hard Copy
Print out setup information or measured
data list as ASCII text via GPIB, parallel
printer port, or network interface to
supported HP plotters or printers. PCL,
HR PCL, and HP GL formats are supported
(selectable).
Hard Copy File
Hard copy output can be stored to an
internal or external mass storage device
instead of sending it to a printer or plotter.
The data can be stored in PCL, HR PCL,
TIFF, HR TIFF (highresolution TIFF), or
HP GL formats.
Hard Copy via Network Interface
The network interface has lpr client
capability.
High-Resolution (HR) Mode
This file mode is available for cases where
an extremely clean print-out or plot is
desired.
Note: High-resolution mode takes significantly greater
CPU time to generate, so its use is recommended for
final reports only.
Data Storage
Mass storage device:
Built-in 3.5-inch floppy disk drive
Media: 3.5-inch 2HD or 2DD diskette
Format type: HP LIF and DOS
User area: 1.44 Mbyte (2HD) or
720 Kbyte (2DD)
File types:
Auto start program file, initial setup file,
measurement setup file, measurement
setup/result file, stress setup file,
customize file, hard copy data file, and
Instrument BASIC program and data file.
Format of data made by the HP BASIC
program:
Data made by the HP BASIC program
and data made by the Instrument BASIC
program are compatible.
Network mass storage device:
An NFS mountable mass storage device
File types:
Auto start program file, initial setup file,
measurement setup file, measurement
setup/result file, stress setup file,
customize file, and hard copy data file.
Maximum number of files allowed per
directory on network mass storage device:
199
Data storage (supplemental data):
2HD DOS format:
Available bytes: 1457 K (byte)
File size:
Measurement setup: 3843 (byte)
Stress setup: 601 (byte)
Measurement setup/result
(Typical data): 15387 (byte)
(VAR1: 101, VAR2: 5)
Customized system setup:
1661 (byte)
Hardcopy data: 30317 (byte)
(Monochrome PCL 75DPI file)
Hardcopy data: 38702 (byte)
(monochrome TIFF file)
Note: For LIF format, the total number of files is limited
to 199.
Repeating and Automating Test
Instrument Control
Agilent 4155C and 4156C function
control:
Internal or external computer controls
the 4155C and 4156C functions via the
GPIB interface
Command sets:
SCPI command set
Agilent FLEX command set
Agilent 4145B command set
Program Memory:
Using the Agilent FLEX command set,
the user can store program code in
the 4155C or the 4156C. The maximum
number of subprograms is 255 (8 bit).
External instrument remote control:
Control external equipment via the GPIB
interface.
Instrument BASIC
Instrument BASIC is a subset of
HP BASIC.
Functions:
Arithmetic operation, binary operation,
string manipulation, logical operation,
array operation, program flow control,
event-initiated branching, program
editing and debugging support, mass
storage operation, instrument control,
real-time clock, softkey operation, and
graphics.
Agilent 4145B automatic sequence
program (ASP) typing aid:
4145B ASP-like syntax softkeys are
available in instrument BASIC. A 4145B
ASP file cannot be read by the 4155C or
4156C.
Remote control:
Instrument BASIC is remote controllable
from an external computer via the GPIB
interface.
Instrument BASIC memory area (supple-
mental data):
Program (text) area: 16 K (byte)
Variable/stack area: 500 K (byte)
Common variable area: 600 K (byte)
Note: The memory size for common variable is
decreased when hard copy or disk operation is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com