Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  4155C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Hardware
Specification Condition
The “supplemental” information and
“typical” entries in the following speci-
fications are not warranted, but provide
useful information about the functions and
performance of the instruments.
The measurement and output accuracy are
specified at the rear panel connector termi-
nals when referenced to the Zero Check
terminal under the following conditions:
1. 23 °C ±5 °C (double between 5 °C to
18 °C, and 28 °C to 40 °C if not noted
otherwise)
2. After 40 minutes warm-up
3. Ambient temperature change less than
±1 °C after auto calibration execution.
4. Integration time: medium or long
5. Filter: ON (for SMUs)
6. Kelvin connection (for HRSMU, HPSMU,
and GNDU)
7. Calibration period: 1 year
Agilent 4156C Precision Semiconductor Parameter Analyzer
HRSMU (High Resolution SMU) Specifications
Voltage Range, Resolution, and Accuracy (HRSMU)
Voltage
Range
Set Reso.
Set Accuracy
Meas.
Reso.
Meas. Accuracy
Max.
Current
±2 V
100 μV
±(0.02%+400 μV)
2 μV
±(0.01%+200 μV)
100 mA
±20 V
1 mV
±(0.02%+3 mV)
20 μV
±(0.01%+1 mV)
100 mA
±40 V
2 mV
±(0.025 %+6 mV)
40 μV
±(0.015%+2 mV)
1
±100 V
5 mV
±(0.03%+15 mV)
100 μV
±(0.02%+5 mV)
2
1 100 mA (Vout ≤20 V), 50 mA (20 V<Vout≤40 V)
2 100 mA (Vout ≤20 V), 50 mA (20 V<Vout≤40 V), 20 mA (40 V<Vout≤100 V)
Current Range, Resolution, and Accuracy (HRSMU)
Current
Range
Set
Reso.
Set Accuracy
Meas.
Reso.
Meas. Accuracy
Max. V
±10 pA
10 fA
±(4%+400 fA) 1, 2
1 fA
±(4%+20 fA+1 fA×Vout/100) 1, 2 100 V
±100 pA 10 fA
±(4%+400 fA) 1, 2
1 fA
±(4%+40 fA+10 fA×Vout/100) 1, 2 100 V
±1 nA
100 fA
±(0.5%+0.7 pA+1 fA×Vout) 2
10 fA
±(0.5%+0.4 pA+1 fA×Vout) 2
100V
±10 nA
1 pA
±(0.5%+4 pA+10 fA×Vout)
10 fA
±(0.5%+2 pA+10 fA×Vout)
100V
±100 nA 10 pA
±(0.12%+40 pA+100 fA×Vout)
100 fA
±(0.1%+20 pA+100 fA×Vout)
100V
±1 μA
100 pA ±(0.12%+400 pA+1 pA×Vout)
1 pA
±(0.1%+200 pA+1 pA×Vout)
100V
±10 μA
1 nA
±(0.07%+4 nA+10 pA×Vout)
10 pA
±(0.05%+2 nA+10 pA×Vout)
100V
±100 μA 10 nA
±(0.07%+40 nA+100 pA×Vout) 100 pA ±(0.05%+20 nA+100 pA×Vout)
100V
±1 mA
100 nA ±(0.06%+400 nA+1 nA×Vout)
1 nA
±(0.04%+200 nA+1 nA×Vout)
100V
±10 mA
1 μA
±(0.06%+4 μA+10 nA×Vout)
10 nA
±(0.04%+2 μA+10 nA×Vout)
100V
±100 mA 10 μA
±(0.12%+40 μA+100 nA×Vout) 100 nA ±(0.1%+20 μA+100 nA×Vout)
3
1
The accuracy is applicable when offset cancellation has been performed.
2
The offset current specification is multiplied by one of the following factors
depending upon the ambient temperature and humidity (RH = Relative Humidity):
Humidity %
RH
Temperature
5 - 60
60 - 80
5 °C to 18 °C
×2
×2
18 °C to 28 °C
×1
×2
28 °C to 40 °C
×2
×5
3
100 V (Iout≤20 mA), 40 V (20 mA<Iout≤50 mA), 20 V (50 mA<Iout≤100 mA)
Vout is the output voltage in volts. Iout is the output current in amps.
For example, accuracy specifications are given as ±% of set/measured
value (0.04%) plus offset value (200 nA+1 nA×Vout) for the 1 mA range.
The offset value consists of a fixed part determined by the set/measure-
ment range and a proportional part that is multiplied by Vout or Vout/100.
Output Terminal/Connection:
Dual triaxial connectors, Kelvin (remote
sensing)
Voltage/Current Compliance
(Limiting):
The SMU can limit output voltage or
current to prevent damaging the device
under test.
Voltage: 0 V to ±100 V
Current: ±100 fA to ±100 mA
Compliance Accuracy: Same as the current
(voltage) settling accuracy.
HRSMU Supplemental Information:
Maximum allowable cable resistance when
using Kelvin connection
(Force, Sense): 10 Ω
Typical voltage source output resistance
(Force line/non-Kelvin connection): 0.2 Ω
Voltage measurement input resistance/
current source output resistance:
≥1015 Ω (10 pA range)
Current compliance setting accuracy for
opposite polarity:
10 pA to 10 nA range: V/I setting
accuracy ±12% of range
100 nA to 100 mA range: V/I setting
accuracy ±2.5% of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com