Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 12Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 13Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
System Requirements
The following are the minimum require-
ment for executing Desktop EasyEXPERT.
Operating System
and Service Pack
Microsoft Windows XP
Professional SP2
Microsoft Windows
VISTA Business SP1
Processer
Intel Celeron 2 GHz
Vista Certified PC with
1 GB memory
Memory
512 Megabytes DDR266
Display
XGA 1024 × 768
(SXGA 1280 × 1024 recommended)
HDD
1 GB free space on the C drive, 10 GB (30 GB recommended)
free space on a drive for test setup/result data strage.
.NET Framework
Microsoft .NET
Framework Ver. 2.0
Redistributable Package
Microsoft .NET
Framework 2.0 SP1
Microsoft .NET
Framework Ver. 3.0
IO Libraries
(for online mode)
Agilent IO Libraries Suite 15.0
Supported GPIB I/F
(for online mode)
Agilent 82350B
Agilent 82357A
Agilent 82357B
Supported 4155/4156
Parameter Analyzers
4155B, 4156B, 4155C, and 4156C
Supported 4155/4156 firmware:
HOSTC: 03.08 or later
SMUC: 04.08 or later
Supported External Instruments
Desktop EasyEXPERT Standard
edition
• Supported by switching matrix GUI:
B2200A/B2201A
• Supported by application tests: E5250A
(E5252A), 4284A/E4980A, 81110A,
3458A
Desktop EasyEXPERT Plus edition
• All auxiliary instruments supported by
Desktop EasyEXPERT Standard edition
• Also supported by switching matrix GUI:
E5250A (E5252A)
Setup Converter Tool
In addition to Desktop EasyEXPERT,
Agilent supplies a Setup File Converter tool
that runs on any Windows-based PC. This
tool can convert 4155 and 4156 measure-
ment
setup files (files of type MES and DAT)
into equivalent Desktop EasyEXPERT
classic test mode setup files.
Attached Software
Prober Control execution files
Supported Probers:
Cascade Microtech Summit
12 K or S300
SUSS MicroTec PA200 or PA300
Vector Semiconductor VX-2000
or VX-3000
4155/56 setup file converter tool
Supported operating systems:
Microsoft Windows 2000
Professional and XP Home or
Professional
Ordering Information
B1541A
Agilent Desktop EasyEXPERT software
and measurement libraries
B1541A-001
Agilent Desktop EasyEXPERT with license-
to-use for standard edition
B1541A-002
License-to-use for Agilent
Desktop EasyEXPERT Plus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com