Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
ST7565R
Ver 1.7c
39/72
2009/09/14
(3) When the V/F circuit alone is used
(4) When the built-in power is not used
VSS
VOUT
CAP3P
CAP1N
CAP1P
CAP2N
CAP2P
VR
IRS
M/S
VDD
External power supply
CAP4P
CAP5P
VDD2 or VSS
V0
V1
V2
V3
V4
VSS
VDD2 or VSS
VOUT
CAP3P
CAP1N
CAP1P
CAP2N
CAP2P
VR
IRS
M/S
VDD
VDD2 or VSS
CAP4P
CAP5P
VDD2 or VSS
V1
V2
V3
V4
V0
C2
C2
C2
C2
C2
VSS
External
power
supply
VDD2 or VSS
VSS
Item
Set value
unit
C1
C2
1 ~ 2.2
0.1 ~ 1
uF
uF
Note:
C1 ~ C2 are determined by the size of the LCD being driven.
The recommended panel size is smaller than 1.8”.
If the panel loading is too heavy and cause poor display quality, adding V0 capacitor can improve display quality.
* 1. Because the VR terminal input impedance is high, use short leads and shielded lines.
* 2. C1 ~ C2 are determined by the LCD loading (size). Select a suitable value that matches the module.
Example of the Process by which to Determine the Settings:
• Turn the voltage regulator circuit and voltage follower circuit ON and supply a voltage to VOUT from the outside.
• Determine C2 by displaying an LCD pattern with a heavy load (such as horizontal stripes) and selecting the capacitor that
stabilizes the liquid crystal drive voltages (V0 to V4). Note that all C2 capacitors must have the same capacitance value.
• Next, remove external VOUT and turn all internal power supplies ON and then select C1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com