Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7565R Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
ST7565R
Ver 1.7c
2/72
2009/09/14
S
ST
T7
75
56
65
5R
R P
Pa
ad
d A
Arrrra
an
ng
ge
em
me
en
ntt ((C
CO
OG
G))
Chip Size:
5900
µm x 1000µm
Bump Pitch:
34
µm(Min.)
Bump Size:
PAD No. 001~067
42
µm x 54µm
PAD No. 068~073
56
µm x 54µm
PAD No. 074~084
42
µm x 54µm
PAD No. 085~282
17
µm x 118µm
Bump Height:
15
µm
Chip Thickness: 480
µm
Recommend panel size is small than 1.8” (A.A.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com