Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
ST7565R
Ver 1.7c
21/72
2009/09/14
Pin Name
I/O
Function
No. of Pins
CLS
I
Selection pin to enable or disable the internal display clock oscillator circuit.
CLS = “H” : use internal oscillator circuit .
CLS = “L” : use external clock input (internal oscillator is disabled).
When CLS = “L”, input the external display clock through the CL terminal.
1
CL
I/O
This is the display clock input terminal
The following is true depending on the CLS status.
CLS
CL
“H”
“L”
Output
Input
“H”
“L”
Input
Input
1
FR
O
This is the liquid crystal alternating current signal terminal.
1
/DOF
O
This is the LCD blanking control terminal.
1
IRS
I
This terminal selects the resistors for the V0 voltage level adjustment.
IRS = “H”: Use the internal resistors
IRS = “L”: Do not use the internal resistors. The V0 voltage level is
regulated by an external resistive voltage divider attached to the VR terminal
1
/HPM
I
This is the power control terminal for the power supply circuit for liquid crystal drive.
/HPM = “H”: Normal mode
/HPM = “L”: High power mode (suggested)
1
SEL3
SEL2
SEL1
I
These pins are DUTY selection.
SEL 3, 2, 1
DUTY
BIAS
0, 0, 0
1/65
1/9 or 1/7
0, 0, 1
1/49
1/8 or 1/6
0, 1, 0
1/33
1/6 or 1/5
0, 1, 1
1/55
1/8 or 1/6
1, 0, 0
1/53
1/8 or 1/6
1, X, X
-----
-----
3
TEST0 ~ 7
I
These are terminals for IC testing.
TEST0 ~ 6: left them open.
TEST7 must connected to VDD
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com