Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
ST7565R
Ver 1.7c
65/72
2009/09/14
*1 The input signal rise and fall time (
tr, tf) are specified at 15 ns or less.
*2 All timing is specified using 20% and 80% of VDD as the standard.
Reset Timing
Internal
status
tRW
tR
During reset
Reset complete
RES
Figure 41
Table 30
(VDD = 3.3V,Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
1.0
us
Reset “L” pulse width
/RES
tRW
1.0
—
—
us
Table 31
(VDD = 2.7V,Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
2.0
us
Reset “L” pulse width
/RES
tRW
2.0
—
—
us
*1 All timing is specified with 20% and 80% of VDD as the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com