Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
ST7565R
Ver 1.7c
19/72
2009/09/14
P
Piin
n D
De
es
sc
crriip
pttiio
on
ns
s
Power Supply Pins
Pin Name
I/O
Function
No. of Pins
VDD
Power
Supply
Power supply
13
VDD2
Power
Supply
Power supply
10
VSS
Power
Supply
Ground
2
VRS
Power
Supply
This is the internal-output VREG power supply for the LCD power supply voltage
regulator.
2
V0, V1,
V2, V3,
V4,Vss
Power
Supply
This is a multi-level power supply for the liquid crystal drive. The voltage Supply applied is
determined by the liquid crystal cell, and is changed through the use of a resistive voltage
divided or through changing the impedance using an op. amp. Voltage levels are
determined based on Vss, and must maintain the relative magnitudes shown below.
V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧Vss
When the power supply turns ON, the internal power supply circuits produce the V1 to V4
voltages shown below. The voltage settings are selected using the LCD bias set
command.
1/65 DUTY
1/49 DUTY
1/33 DUTY
1/55 DUTY
1/53 DUTY
V1
V2
V3
V4
8/9*V0,6/7*V0
7/9*V0,5/7*V0
2/9*V0,2/7*V0
1/9*V0,1/7*V0
7/8*V0,5/6*V0
6/8*V0,4/6*V0
2/8*V0,2/6*V0
1/8*V0,1/6*V0
5/6*V0,4/5*V0
4/6*V0,3/5*V0
2/6*V0,2/5*V0
1/6*V0,1/5*V0
7/8*V0,5/6*V0
6/8*V0,4/6*V0
2/8*V0,2/6*V0
1/8*V0,1/6*V0
7/8*V0,5/6*V0
6/8*V0,4/6*V0
2/8*V0,2/6*V0
1/8*V0,1/6*V0
10
LCD Power Supply Pins
Pin Name
I/O
Function
No. of Pins
CAP1P
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1N
terminal.
4
CAP1N
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1P
terminal.
2
CAP2P
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2N
terminal.
2
CAP2N
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2P
terminal.
2
CAP3P
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1N
terminal.
2
CAP4P
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2N
terminal.
2
CAP5P
O
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1N
terminal.
2
VOUT
O
DC/DC voltage converter. Connect a capacitor between this terminal and VSS or VDD
terminal.
2
VR
I
Output voltage regulator terminal. Provides the voltage between VSS and V0 through a
resistive voltage divider.
IRS = “L” : the V0 voltage regulator internal resistors are not used.
IRS = “H” : the V0 voltage regulator internal resistors are used.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com