Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 72Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
ST7565R
Ver 1.7c
72/72
2009/09/14
C
Ch
ha
an
ng
ge
e N
No
otte
es
s::
2005/03/24
Ver 0.1
Preliminary
2005/05/20
Ver 0.2
Bump Height
2005/08/10
Ver 0.3
Shipping Forms
Pad Arrangement, Bump Height, Bump Pitch, Bump Height
Pad Names- remove ”:P”, “:g”, rename FUSE, VSSF as TEST
Connections Between LCD Drivers
Application Notes
Unused Data Pin In 4-Line SPI Fixed To ‘H’
ITO Resister Limitation
2005/09/29
Ver 0.4
Modify the Absolute Maximum Ratings.
Modify the operating range of VDD, VDD2, VOUT and V0.
Modify the description of features.
Modify the Operating Temperature.
Modify the Ta value of DC Characteristics and Reset Timing.
Remove redundant features on Page 2.
2005/10/20
Ver 1.0
Remove Preliminary
Modify the Pad Arrangement(COG) on Page 2.
Modify the I/O PIN ITO Resister Limitation on Page 22.
2005/10/21
Ver 1.1
Modify the Operating Temperature
2005/11/07
Ver 1.2
Unused Data Pin In 4-Line C86 Fixed To ‘H’
Unused Data Pin In 4-Line /RD Fixed To ‘H’
Unused Data Pin In 4-Line /WR Fixed To ‘H’
2005/11/25
Ver 1.3
Modify the flow chart on Page 46, 47 and 49.
2006/02/13
Ver 1.4
Modify the description of DC characteristics.
Modify function description.
Redraw figures.
Redraw the PAD DIAGRAM.
Highlight the HPM (High Power Mode) description.
Put emphasis on the power OFF procedure (Page 54-55).
2006/03/10
Ver 1.5
Fix Ver. 1.4: Booster Circuit mistake (Booster X6, Page 32).
2007/04/24
Ver 1.6
Add V0 capacitor notes.
Add application notes.
Modify ITO resistance limitation.
Modify operation voltage.
2007/05/14
Ver 1.6a
Add a section for “Recommend LCD Setting”.
Modify the recommend setting of “Recommend LCD Setting”.
2007/06/01
Ver 1.7
Remove slave function.
Remove static indicator function.
2007/07/24
Ver 1.7a
Modify version mark mistake.
2009/02/23
Ver 1.7b
Modify mistake of Status Read.
2009/09/14
Ver 1.7c
Modify the mistake of The Reset Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com