Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
ST7565R
Ver 1.7c
49/72
2009/09/14
NOP
Non-Operation Command
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
1
1
0
0
0
1
1
Test
This is a command for IC chip testing. Please do not use it. If the test command is used by accident, it can be cleared by
applying a “L” signal to the /RES input by the reset command or by using an NOP.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
1
1
1
1
1
*
*
* Inactive bit
Note: The ST7565R maintain their operating modes until something happens to change them. Consequently,
excessive
external noise, etc., can change the internal modes of the ST7565R . Thus in the packaging and system design it is
necessary to suppress the noise or take measure to prevent the noise from influencing the chip. Moreover, it is
recommended that the operating modes be refreshed periodically to prevent the effects of unanticipated
noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com