Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7565R Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
ST
Sitronix
ST7565R
65 x 132 Dot Matrix LCD Controller/Driver
Ver 1.7c
1/72
2009/09/14
F
Fe
ea
attu
urre
es
s
Directly display RAM data through Display Data RAM.
RAM capacity : 65 x 132 = 8580 bits
Display duty selectable by select pin
1/65 duty : 65 common x 132 segment
1/49 duty : 49 common x 132 segment
1/33 duty : 33 common x 132 segment
1/55 duty : 55 common x 132 segment
1/53 duty : 53 common x 132 segment
High-speed 8-bit MPU interface:
ST7565R can be connected directly to both the 80x86
series MPUs and the 6800 series MPUs.
Serial interface (SPI-4) is also supported.
Abundant command functions
Display data Read/Write, display ON/OFF, Normal/
Reverse display mode, page address set, display start
line set, column address set, status read, display all
points ON/OFF, LCD bias set, electronic volume,
read/modify/write, segment driver direction selects,
power saver, common output status select, V0 voltage
regulation internal resistor ratio set.
Embedded analog power supply circuits for Liquid
Crystal driving: Booster, Regulator and Follower.
Embedded Booster circuit:
2X,3X,4X,5X and 6X boost ratios are supported.
Independent input (VDD2) for boost reference voltage.
High-accuracy Regulator circuit:
Build-in Electronic volume function for the contrast
control. Thermal gradient = –0.05%/°C.
Embedded voltage Follower circuit for LCD driving.
Embedded R-C oscillator circuit.
The external clock is also supported.
Extremely low power consumption: 60uA, bare dice
(using the internal power). Settings:
VDD – VSS = VDD2 – VSS =3.0 V, Booster Ratio=4,
V0 – VSS = 11.0 V. Display OFF and the normal mode is
selected.
Logic power supply : VDD – VSS = 2.4V to 3.3 V
Analog Power (Boost reference voltage):
VDD2 – VSS = 2.4V to 3.3V
Booster maximum voltage limited
VOUT= 13.5V
Liquid crystal drive power supply:
V0 – VSS = 3.0V to 12.0 V
Wide range of operating temperatures: –30 to 85°C
Package type: COG only.
The chip is not designed to resist the light or to resist
the radiation.
Support LCD Module Size up to 2"
G
Ge
en
ne
erra
all D
De
es
sc
crriip
pttiio
on
n
The ST7565R is a single-chip dot matrix LCD driver that can
be connected directly to a microprocessor bus. 8-bit parallel
or 4-line SPI display data sent from the microprocessor is
stored in the internal display data RAM and the chip
generates a LCD drive signal independent of the
microprocessor. Because the chips in the ST7565R contain
65x132 bits of display data RAM and there is a 1-to-1
correspondence between the LCD panel pixels and the
internal RAM bits, these chips enable displays with a high
degree of freedom.
The ST7565R chips contain 65 common output circuits and
132 segment output circuits, so that a single chip can drive a
65x132 dot display (capable of displaying 8 columns x4 rows
of a 16x16 dot kanji font).
The chips are able to minimize power consumption because
no external operating clock is necessary for the display data
RAM read/write operation. Furthermore, because each chip
is equipped internally with a low-power LCD driver power
supply, resistors for LCD driver power voltage adjustment
and a display clock CR oscillator circuit, the ST7565R can be
used to create the lowest power display system with the
fewest components for high-performance portable devices.
PART NO.
VRS temperature gradient
VRS range
ST7565R
-0.05%/°C
2.1V ±0.03V


Similar Part No. - ST7565R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565 ETC1-ST7565 Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565-0A ETC1-ST7565-0A Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565-0B ETC1-ST7565-0B Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7565R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com