Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
ST7565R
Ver 1.7c
44/72
2009/09/14
Yes
No
Read-Modify-Write
Done
Page Address Set
Column Address Set
Finished?
Dummy Read
Read-Modify-Write Cycle
Data Read
Modify Data
Data Write (at same Address)
Figure 24 Command Sequence For read modify write
Figure 25
End
This command releases the read/modify/write mode, and returns the column address to the address it was at when the mode
was entered.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
1
1
0
1
1
1
0
Reset
This command initializes the display start line, the column address, the page address, the common output mode, the V0 voltage
regulator internal resistor ratio, the electronic volume, and the read/modify/write mode and test mode are released. There is no
impact on the display data RAM. See the function explanation in “Reset” for details.
The reset operation is performed after the reset command is entered.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
1
1
0
0
0
1
0
The initialization when the power supply is applied must be done through applying a reset signal to the /RES terminal. The reset
command must not be used instead.
Column address
Read-modify-write mode set
N
N+1
N+2
N+3
N+m
N
End
Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com