Electronic Components Datasheet Search
  English  ▼

X  

ST7565R Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7565R
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565R Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7565R Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565R Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
ST7565R
Ver 1.7c
22/72
2009/09/14
LCD Driver Pins
Pin Name
I/O
Function
No. of Pins
SEG0
to
SEG131
O
These are the LCD segment drive outputs. Through a combination of the contents of the
display RAM and with the FR signal, a single level is selected from VSS, V3, V2, and V0.
Output Voltage
RAM DATA
FR
Normal Display
Reverse Display
H
H
V0
V2
H
L
VSS
V3
L
H
V2
V0
L
L
V3
Vss
Power save
VSS
132
COM0
to
COMn
O
Through a combination of the contents of the scan data and with the FR signal, a single
level is selected from VSS, V4, V1, and V0.
Scan Data
FR
Output Voltage
H
H
VSS
H
L
V0
L
H
V1
L
L
V4
Power save
VSS
67
COMS
O
These are the COM output terminals for the indicator. Both terminals output the same
signal.
Leave these open if they are not used.
2
ST7565R I/O PIN ITO Resister Limitation
PIN Name
ITO Resister
CL, FR, /DOF, C86, PSB, HPMB, SEL1…SEL3, CLS, IRS
No Limitation
TEST0 ~ 7, VRS
Floating
VDD, VDD2, VSS, VOUT, VR
<100
V0, V1, V2, V3, V4, CAP1P, CAP1N, CAP2P, CAP2N, CAP3P, CAP4P, CAP5P
<300
CS1B, CS2, /RD, /WR, A0, D0 …D7
<1K
RST
<10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com