Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 54 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 54 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 58Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
54
Version: DM9010-17--DS-P04
Jan. 18, 2006
11. Application Notes
11.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9010 RXI± and TXO± pins. Traces routed from
RXI± and TXO± to the transformer should run in close pairs
directly to the transformer. The designer should be careful
not to cross the transmit and receive pairs. As always, vias
should be avoided as much as possible. The network
interface should be void of any signals other than the TXO±
and RXI± pairs between the RJ-45 to the transformer and
the transformer to the DM9010.. There should be no
power or ground planes in the area under the network side
of the transformer to include the area under the RJ-45
connector. (Refer to Figure 11-4 and 11-5) Keep chassis
ground away from all active signals. The RJ-45 connector
and any unused pins should be tied to chassis ground
through a resistor divider network and a 2KV bypass
capacitor.
The Band Gap resistor should be placed as physically close
as pins 25 and 26 as possible (refer to Figure 11-1 and
11-2). The designer should not run any high-speed signal
near the Band Gap resistor placement.
11.2 10Base-T/100Base-TX HP Auto-MDIX Application
Figure 11-1 HP Auto-MDIX Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com