Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
14
Version: DM9010-17--DS-P04
Jan. 18, 2006
35
TXVDD25
P
Internal regulator 2.5V output for TP TX
5.7 Miscellaneous
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test 1, 2, 3, 4 = (1, 1, 0, 0) in normal application
48
TEST5
I,PD Internal system clock source
0: use internal 50MHz clock *(Suggestion)
1: use CLK20MO pin
68,69,70,
71,
74,75,77
GP0~6
I/O,PD General I/O Ports
Registers GPCR and GPR can program these pins
The GPIO0 is an output mode, and output data high at default is to power
down internal PHY and other external MII device
GP1~3 defaults are input ports, GP 0,4~6 force to output ports.
78
LINK_O
O,PD Cable Link Status Output. Active High
This pin is also used as a strap pin to define whether the MII interface is a
reversed MII interface (pulled high) or a normal MII interface (not pulled
high). This pin has a pulled down resistor about 60k ohm internally.
79
WAKE
O,PD Issue a wake up signal when wake up event happens
This pin has a pulled down resistor about 60k ohm internally.
80
PW_RST#
I
Power on Reset
Active low signal to initiate the DM9010
The DM9010 is ready after 5us when this pin deasserted
36
NC
NC
NC
5.8 Power Pins
5,20,55,
72,90,73
DVDD
P
Digital VDD
15,23,42,
58,63,81,
99,76
GND
P
Digital GND
5.9 strap pins table
1: pull-high 1K~10K,
0: floating.
Pin No.
Pin Name
Description
57
MDC
Polarity of INT
1: INT pin low active;
0: INT pin high active
65
EEDO
DATA Bus Width
79
WAKE
WAKE
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit
1
1
reserved
67
EECS
LED Mode
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
52,51,
50
TXD[2:0]
IO base address. (not available in 32-bit mode)
IO base = (strap pin value of TXD [2:0]) * 10H + 300H
78
LINK_O
Reverse MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com