Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 33 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
33
Version: DM9010-17--DS-P04
Jan. 18, 2006
affected by the management entity that clears this bit
0 = Normal operation
0.8
Duplex mode
1,RW
Duplex Mode
1 = Full duplex operation. Duplex selection is allowed when
Auto-negotiation is disabled (bit 12 of this register is cleared).
With auto-negotiation enabled, this bit reflects the duplex
capability selected by auto-negotiation
0 = Normal operation
0.7
Collision test
0,RW
Collision Test
1 = Collision test enabled. When set, this bit will cause the
COL signal to be asserted in response to the assertion of
TX_EN in internal MII interface.
0 = Normal operation
0.6-0.0
Reserved
0,RO
Reserved
Read
as 0, ignore on write
8.2 Basic Mode Status Register (BMSR) - 01
Bit
Bit Name
Default
Description
1.15
100BASE-T4
0,RO/P
100BASE-T4 Capable
1 = DM9010 is able to perform in 100BASE-T4 mode
0 = DM9010 is not able to perform in 100BASE-T4 mode
1.14
100BASE-TX
full-duplex
1,RO/P
100BASE-TX Full Duplex Capable
1 = DM9010 is able to perform 100BASE-TX in full duplex
mode
0 = DM9010 is not able to perform 100BASE-TX in full
duplex mode
1.13
100BASE-TX
half-duplex
1,RO/P
100BASE-TX Half Duplex Capable
1 = DM9010 is able to perform 100BASE-TX in half duplex
mode
0 = DM9010 is not able to perform 100BASE-TX in half
duplex mode
1.12
10BASE-T
full-duplex
1,RO/P
10BASE-T Full Duplex Capable
1 = DM9010 is able to perform 10BASE-T in full duplex
mode
0 = DM9010 is not able to perform 10BASE-TX in full duplex
mode
1.11
10BASE-T
half-duplex
1,RO/P
10BASE-T Half Duplex Capable
1 = DM9010 is able to perform 10BASE-T in half duplex
mode
0 = DM9010 is not able to perform 10BASE-T in half duplex
mode
1.10-1.7
Reserved
0,RO
Reserved
Read as 0, ignore on write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com