Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 12 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 12 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
12
Version: DM9010-17--DS-P04
Jan. 18, 2006
Open-Drain output and low active.
14
RST
I,PD
Hardware Reset Command, active high to reset the DM9010
6,7,8,9,10,
11,12,13,
89,88,87,
86,85,84,
83,82
SD0~15
I/O,PD Processor Data Bus bit 0~15
93,94,95,
96,97,98
SA4~9
I,PD Address Bus 4~9
These pins are used to select the DM9010.
When SA9 and SA8 are in high states, and SA7 and AEN are in low
states, and SA6~4 are matched with strap pins TXD2~0, the DM9010 is
selected.
92
CMD
I,PD Command Type
When high, the access of this command cycle is DATA port
When low, the access of this command cycle is INDEX port
91
IO16
O
Word Command Indication
When the access of internal memory is word or Dword width, this pin will
be asserted
This pin is low active at default; its polarity can be modified by EEPROM
setting. See the EEPROM content description for detail
100
INT
O,PD Interrupt Request
This pin is high active at default, its polarity can be modified by EEPROM
setting or strap pin MDC. See the EEPROM content description for detail
56,53,52,
51,50,49,
47,46,45,
44,43,41,
40,39,38
37
SD16~31 (in
double word
mode)
I/O,PD Processor Data Bus bit 16~31
These pins are used as data bus bits 16~31 when the DM9010 is set to
double word mode (the straps pin EEDO is pulled high and WAKE is not
pull-high)
57
IO32 (in double
word mode)
O,PD Double Word Command Indication
This pins is used as the double word command indication when the
DM9010 is set to double data word mode, and this pin will be asserted
when the access of internal memory is double word width
This pin is low active at default; its polarity can be modified by EEPROM
setting. See the EEPROM content description for detail
When the IO32 pin is pulled high, the INT pin is low active; otherwise the INT pin
is high active
5.3 EEPROM Interface
64
EEDI
I
Data from EEPROM
65
EEDO
O,PD Data to EEPROM
This pin is also used as a strap pin. It combines with strap pin WOL, and it
can set the data width of the internal memory access
The decoder table is the following, where the logic 1 means the strap pin
is pulled high
WAKE
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com