Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 27 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 27 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
27
Version: DM9010-17--DS-P04
Jan. 18, 2006
6.37 INT Pin Control Register ( 39H )
Bit
Name
Default
Description
7:2
Reserved
PS0,RO
Reserved
1
INT_TYPE
PET0,RW
INT Pin Output Type Control
1: INT Open-Collector output
0: INT direct output
0
INT_POL
PET0,RW
INT Pin Polarity Control
1: INT active low
0: INT active high
6.38 Monitor Register 1 ( 40H )
Bit
Name
Default
Description
7
BWIDTH
T0,RO
8-bit Data Strap Latch Status
6
DWIDTH
T0,RO
32-bit Data Strap Latch Status
5
INTOC
ET0,RO
INT Open-Collect Pin Status
4
INTP
ET0,RO
INT Polarity Pin Status
3
IO16OC
E0,RO
IO16/32 Open-Collect Pin Status
2
IO16P
E0,RO
IO16/32 Polarity Pin Status
1
ILEDM
ET0,RO
LED Mode Status
0
MDIX
ET0,RO
MDIX Strap Pin Status
6.39 Monitor Register 2 ( 41H )
Bit
Name
Default
Description
7~4
RESERVED
0,RO
Reserved
3
NOEEP
T0,RO
NO Load EEPROM Strap Pin Status
2
EXTMII
T0,RO
External MII Strap Pin Status
1
PHYUP
T0,RO
PHY Power-Up Strap Pin Status
0
RMII
T0,RO
Reverse MII strap Pin Status
6.40 System Clock Turn ON Control Register ( 50H )
Bit
Name
Default
Description
7:1
Reserved
-
Reserved
0
DIS_CLK
P0,W
Stop Internal System Clock
1: internal system clock turn off, internal PHYceiver also power down
0: internal system clock is ON
6.41 Resume System Clock Control Register ( 51H )
When the INDEX port set to 51H, the internal system clock is turn ON.
6.42 Memory Data Pre-Fetch Read Command without Address Increment Register (F0H)
Bit
Name
Default
Description
7:0
MRCMDX
X,RO
Read data from RX SRAM. After the read of this command, the read pointer of
internal SRAM is unchanged. And the DM9010 starts to pre-fetch the SRAM data
to internal data buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com