Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
16
Version: DM9010-17--DS-P04
Jan. 18, 2006
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9000H
CHIPR
CHIP Revision
2CH
10H
TCR2
TX Control Register 2
2DH
00H
OCR
Operation Control Register
2EH
00H
SMCR
Special Mode Control Register
2FH
00H
ETXCSR
Early Transmit Control/Status Register
30H
00H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
EPADR
External PHY address
33H
01H
GPCR2
General Purpose Control Register 2
34H
00H
GPR2
General Purpose Register 2
35H
00H
GPCR3
General Purpose Control Register 3
36H
00H
GPR3
General Purpose Register 3
37H
00H
BUSCR
Processor Bus Control Register
38H
61H
INTCR
INT Pin Control Register
39H
00H
MONIR1
Monitor Register 1
40H
XXH
MONIR2
Monitor Register 2
41H
XXH
SCCR
System Clock Turn ON Control Register
50H
00H
RSCCR
Resume System Clock Control Register
51H
XXH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMDX1
Memory Data Read Command With Address Increment
Register
F1H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H
MWRH
Memory Data Write _ address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H
IMR
Interrupt Mask Register
FFH
00H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset default value
H = hardware reset default value
S = software reset default value
E = default value from EEPROM
T = default value from strap pin
<Access Type>:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com