Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 29Page - Analog Devices ADRF6655 Datasheet HTML 30Page - Analog Devices ADRF6655 Datasheet HTML 31Page - Analog Devices ADRF6655 Datasheet HTML 32Page - Analog Devices ADRF6655 Datasheet HTML 33Page - Analog Devices ADRF6655 Datasheet HTML 34Page - Analog Devices ADRF6655 Datasheet HTML 35Page - Analog Devices ADRF6655 Datasheet HTML 36Page - Analog Devices ADRF6655 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ADRF6655
Rev. 0 | Page 33 of 44
REGISTER 7—EXTERNAL VCO CONTROL
With R6[2:0] set to 111, the external VCO control register is
programmed as shown in Figure 77.
The external VCO enable bit allows the use of an external VCO in
the PLL instead of the internal VCO. This can be advantageous in
cases where the internal VCO is not capable of providing the desired
frequency, or where the internal phase noise of the VCO is higher
than desired. By setting the external VCO enable bit (DB22) to 1,
and setting Bit DB15 to Bit DB10 of Register 6 to 0, the internal
VCO is disabled and the output of an external VCO can be fed into
the part differentially on Pin 38 and Pin 37 (LOP and LON).
Because the loop filter is already external, the output of the loop
filter simply needs to be connected to the external, tuning voltage
pin of the VCO. See the Using an External VCO section for more
information.
DB23
DB22
DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0XVCO
EXTERNAL
VCO
ENABLE
RES
0
0
0
0
00
0000
0
0
00
0
0
0
0
0
C3(1) C2(1) C1(1)
RESERVED
CONTROL BITS
XVCO
0
1
INTERNAL VCO
EXTERNAL VCO
EXTERNAL VCO ENABLE
Figure 77. External VCO Control Register (R7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com