Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 16Page - Analog Devices ADRF6655 Datasheet HTML 17Page - Analog Devices ADRF6655 Datasheet HTML 18Page - Analog Devices ADRF6655 Datasheet HTML 19Page - Analog Devices ADRF6655 Datasheet HTML 20Page - Analog Devices ADRF6655 Datasheet HTML 21Page - Analog Devices ADRF6655 Datasheet HTML 22Page - Analog Devices ADRF6655 Datasheet HTML 23Page - Analog Devices ADRF6655 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADRF6655
Rev. 0 | Page 20 of 44
ADRF6655
T6
1600MHz OUTPUT INTERFACE
VCC
1.5pF
15nH
0
Ω
36nH
VCC
36nH
IF OUT
1nF
150pF
1nF
150pF
1nF
0
Ω
ANAREN
BD1722J50200A00
18
19
20
Figure 57. 1600 MHz Output Matching Network (Output return loss
measured to be better than 12 dB from 1400 MHz to 1680 MHz.)
ADRF6655
T3
2100MHz OUTPUT INTERFACE
VCC
VCC
27nH
0603CS
27nH
0603CS
IF OUT
1nF
150pF
3pF
3pF
1nF
150pF
TC1-1-13M+
18
19
20
Figure 58. 2100 MHz Output Matching Network (Output return loss
measured to be better than 12 dB from 2000 MHz to 2200 MHz.)
0
5
10
15
20
25
30
35
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
OUTPUT FREQUENCY (GHz)
900MHz MATCH
1200MHz MATCH
1600MHz MATCH
OUTPUT P1dB
OUTPUT IP3
Figure 59. Measured Output Linearity for 900 MHz, 1200 MHz, and 1600 MHz
Matching Networks (See Figure 54, Figure 55, and Figure 57 for Implementation)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
OUTPUT FREQUENCY (GHz)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
900MHz MATCH
1200MHz MATCH
1600MHz MATCH
Figure 60. Measured Conversion Gain for 900 MHz, 1200 MHz, and 1600 MHz
Matching Networks (See Figure 54, Figure 55, and Figure 57 for Implementation)
INPUT MATCHING
The ADRF6655 uses a balanced 50 Ω input impedance to help
simplify external connections. For low loss interfacing, the driving
source should be transformed to present a balanced 50 Ω source
impedance. An appropriate 1:1 impedance ratio input balun should
be used when attempting to interface to an unbalanced 50 Ω
source. For input frequencies below ~1.5 GHz, the TC1-1-13M+
from Mini-Circuits or similar baluns should provide good return
loss and maximum power gain. For higher frequencies, baluns,
such as the TC1-1-43A+, are recommended for lowest insertion
loss. The ac coupling capacitors can be optimized with the balun to
provide optimum input match. A few examples are provided in
Figure 61 for a range of different IF output frequencies.
–35
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
TC1-1-43A+ WITH 10pF AC COUPLING
TC1-1-43A+ WITH 3pF AC COUPLING
TC1-1-43A+ WITH 1.8pF AC COUPLING
Figure 61. Measured RF Input Return Loss Using the TC1-1-43A+ 1:1 Balun
(Plotted for Several AC Coupling Capacitor Values)
It is also possible to use lumped element LC lattice networks to
transform an unbalanced source into a balanced source at the
mixer input pins. In either case, the mixer input pins should be
dc blocked using adequately sized series capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com