Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 39 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 35Page - Analog Devices ADRF6655 Datasheet HTML 36Page - Analog Devices ADRF6655 Datasheet HTML 37Page - Analog Devices ADRF6655 Datasheet HTML 38Page - Analog Devices ADRF6655 Datasheet HTML 39Page - Analog Devices ADRF6655 Datasheet HTML 40Page - Analog Devices ADRF6655 Datasheet HTML 41Page - Analog Devices ADRF6655 Datasheet HTML 42Page - Analog Devices ADRF6655 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ADRF6655
Rev. 0 | Page 39 of 44
The package for the ADRF6655 features an exposed paddle
on the underside that should be well soldered to a low thermal
and electrical impedance ground plane. This paddle is typically
soldered to an exposed opening in the solder mask on the
evaluation board. Figure 83 illustrates the dimensions used
in the layout of the ADRF6655 footprint on the ADRF6655
evaluation board (1 mil. = 0.0254 mm).
Notice the use of nine via holes on the exposed paddle. These
ground vias should be connected to all other ground layers on the
evaluation board to maximize heat dissipation from the device
package. Under these conditions, the thermal impedance of the
ADRF6655 was measured to be approximately 29°C/W in still air.
.168
.232
.177
.035
.050
.012
.025
.020
Figure 83. Evaluation Board Layout Dimensions for the ADRF6655 Package
Figure 84. Evaluation Board Top Layer
Figure 85. Evaluation Board Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com