Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 21Page - Analog Devices ADRF6655 Datasheet HTML 22Page - Analog Devices ADRF6655 Datasheet HTML 23Page - Analog Devices ADRF6655 Datasheet HTML 24Page - Analog Devices ADRF6655 Datasheet HTML 25Page - Analog Devices ADRF6655 Datasheet HTML 26Page - Analog Devices ADRF6655 Datasheet HTML 27Page - Analog Devices ADRF6655 Datasheet HTML 28Page - Analog Devices ADRF6655 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ADRF6655
Rev. 0 | Page 25 of 44
DEVICE PROGRAMMING
The device is programmed through a 3-pin SPI port. The timing
requirements for the SPI port are described in Figure 2. There
are eight programmable registers, each with 24 bits, controlling
the operation of the device. The register functions can be broken
down as follows:
• Register 0—integer divide control
• Register 1—modulus divide control
• Register 2—fractional divide control
• Register 3—Σ-Δ modulator dither control
• Register 4—charge pump, PFD, and reference path control
• Register 5—LO path and mixer control
• Register 6—VCO controls and PLL enables
• Register 7—external VCO control
Note that the PLL has internal calibration that must run
whenever the device is programmed with a given frequency.
This calibration is automatically run whenever Register 0,
Register 1, or Register 2 is programmed. Software is available
from Analog Devices that allows easy programming from an
external PC. See the ADRF6655 Control Software section for
additional details.
INITIALIZATION SEQUENCE
To ensure proper power-up of the ADRF6655, it is important to
reset the PLL circuitry after the supply rail (VCC1, VCC2, VCCLO,
VCCV2I, and VCCMIX) has settled to 5 V ± 0.25 V. Resetting
the PLL ensures that the internal bias cells are properly configured
even under poor supply start-up conditions. To ensure that the
PLL is reset after power-up, the PLEN data bit (DB6) in Register
5 should be programmed to disable the PLL (PLEN = 0). After a
delay of >100 ms, Register 5 should be programmed to enable
the PLL (PLEN = 1). After this procedure, the registers should
be programmed as follows:
1.
Register 7
2.
Register 6
3.
Register 4
4.
Register 3
5.
Register 2
6.
Register 1
7.
Delay >1 ms
8.
Register 0
When programming the frequency of the ADRF6655, normally
only Register 2, Register 1, and Register 0 are programmed. When
programming these registers, a short delay of >500 μs should be
placed before programming the last register in the sequence
(Register 0). This ensures that the VCO band calibration initiated
by the first two register writes has sufficient time to complete
before the final band calibration (for Register 0) is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com