Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 13Page - Analog Devices ADRF6655 Datasheet HTML 14Page - Analog Devices ADRF6655 Datasheet HTML 15Page - Analog Devices ADRF6655 Datasheet HTML 16Page - Analog Devices ADRF6655 Datasheet HTML 17Page - Analog Devices ADRF6655 Datasheet HTML 18Page - Analog Devices ADRF6655 Datasheet HTML 19Page - Analog Devices ADRF6655 Datasheet HTML 20Page - Analog Devices ADRF6655 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADRF6655
Rev. 0 | Page 17 of 44
CIRCUIT DESCRIPTION
The ADRF6655 can be subdivided into a PLL and VCO block
and a mixer block. A detailed circuit description for each block
follows.
PLL AND VCO BLOCK
The PLL and VCO block, shown in Figure 49, is made up of a
reference input block, a phase and frequency detector (PFD), a
charge pump, a VCO, and a divide-by-N modulus block. An
off-chip loop filter completes the loop.
LOOP
FILTER
PRESCALER
ADRF6655 PLL BLOCK DIAGRAM
BAND
SELECT
TO MIXER
BLOCk
CP
CP
VTUNE
PFD
REFIN
FRAC
MOD
INT
PROGRAMMABLE
DIVIDER
THIRD-ORDER
INTERPOLATOR
×2
÷2
÷4
Figure 49. PLL and VCO Block
The VCO is implemented with a single core that consists of 64
overlapping bands, as shown in Figure 50. The correct band is
selected automatically by the VCO band calibration circuit when
Register R0, Register R1, or Register R2 is programmed. The
VCO band selection takes roughly 4000 PFD cycles. During
calibration, an internal mux is used to disconnect the VCO input
voltage from the VTUNE pin and apply an internal reference
voltage for calibration. When calibration is complete, the VCO
input voltage is reconnected to the VTUNE pin and normal
PLL operation resumes.
1.4
1.6
1.8
2.0
2.2
2.4
0.51.01.52.0
2.5
VTUNE (V)
Figure 50. fVCO/2 vs. Tuning Voltage for All 64 Bands
The VCO operates at twice the LO frequency for improved
isolation. The nominal value of Kv is 75 MHz/V at the VCO
output. As the VCO band is changed from 0 to 63, the size of the
varactor is also changed, thus maintaining a roughly constant
Kv across the entire operating range.
RF MIXER BLOCK
VCC
LO
133
Ω
133
Ω
VCO
ADRF6655 MIXER BLOCK
÷2 OR ÷3
SIF
CDAC
V2I
OUTN
OUTP
RFIN
IP3SET
Figure 51. Mixer Block
The mixer portion of the ADRF6655, shown in Figure 51, consists
of an LO signal chain, an RF voltage-to-current (V-to-I) converter,
and a mixer core. The LO chain receives a signal from either the
internal VCO or an external LO source. This LO signal then passes
through a frequency divider, which can be set to divide-by-2
or divide-by-3, depending on the desired LO frequency. The
differential RF inputs are converted into currents by the V-to-I
converter and fed into the mixer core. A pair of 133 Ω pull-up
resistors are used to present a ~250 Ω source impedance at the
IF output.
LO Signal Chain
The LO chain consists of a mux that selects between the internal
VCO and an external LO source. The LO signal can then be
divided by 2 or divided by 3, providing a wide range of LO
frequencies from 1050 MHz to 2300 MHz. A buffer then drives
this divided down signal to the mixer core. The LO signal can
also be observed via the LO I/O port when the internal VCO
is selected. When the external LO buffer is enabled, the supply
current and die temperature increase, resulting in a slight
degradation of RF performance. In normal operation mode,
the external LO buffer should be disabled to help minimize
power consumption and provide optimal RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com