Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 6Page - Analog Devices ADRF6655 Datasheet HTML 7Page - Analog Devices ADRF6655 Datasheet HTML 8Page - Analog Devices ADRF6655 Datasheet HTML 9Page - Analog Devices ADRF6655 Datasheet HTML 10Page - Analog Devices ADRF6655 Datasheet HTML 11Page - Analog Devices ADRF6655 Datasheet HTML 12Page - Analog Devices ADRF6655 Datasheet HTML 13Page - Analog Devices ADRF6655 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADRF6655
Rev. 0 | Page 10 of 44
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 10. RF Port Input Return Loss (S11) vs.
Frequency Measured through TC1-1-13M+
50
100
150
200
250
300
350
400
450
0500
30
60
90
120
150
180
210
240
270
0
300
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
FREQUENCY (MHz)
Figure 11. IF Port Output Impedance vs. Frequency
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
1050
1250
1450
1650
1850
2050
2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 12. LO-to-RF Input Port Leakage vs. LO Frequency
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
1050
1250
1450
1650
1850
2050
2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 13. Supply Current vs. LO Frequency
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1050
1250
1450
1650
1850
2050
2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 14. LO Port Output Power vs. LO Frequency
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 15. LO-to-IF Output Port Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com