Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 18Page - Analog Devices ADRF6655 Datasheet HTML 19Page - Analog Devices ADRF6655 Datasheet HTML 20Page - Analog Devices ADRF6655 Datasheet HTML 21Page - Analog Devices ADRF6655 Datasheet HTML 22Page - Analog Devices ADRF6655 Datasheet HTML 23Page - Analog Devices ADRF6655 Datasheet HTML 24Page - Analog Devices ADRF6655 Datasheet HTML 25Page - Analog Devices ADRF6655 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADRF6655
Rev. 0 | Page 22 of 44
ADRF6655
+5V
+5V
EXTERNAL VCO
VTUNE LINE
NC
CHARGE PUMP
LOOP FILTER
EXTERNAL
REFERENCE
RSET
VCC1
DECL1
CP
GND
RSET
REFIN
GND
1
2
3
4
5
6
7
USING AN EXTERNAL VCO
The ADRF6655 has the necessary provisions for interfacing an
external VCO. A high performance discrete VCO may be desirable
in applications that call for the very best phase noise performance.
The basic circuit connections for interfacing an external VCO
are included in Figure 65. It is important to select a VCO with a
frequency tuning voltage range that covers the available charge
pump output compliance range of 1 V to 2.8 V. The external VCO
waveform needs to pass through the on-chip divide-by-2/divide-
by-3 programmable dividers before reaching the mixer. As a result,
the VCO center frequency should be selected to be roughly 2×
or 3× the desired LO signal frequency. The available output power
for the selected VCO should be greater than −10 dBm to ensure
adequate signal levels into the mixer core. The charge pump loop
filter components should be designed to provide adequate phase
margin for the given KVCO tuning sensitivity of the selected VCO.
It is important to properly configure the digital registers for
external VCO operation. When using an external VCO, the
internal VCO should be disabled using DB17 in Register 6.
Other register programmable LDOs, including the VCO LDO
(DB18 in Register 6), should be enabled. For more information
on programming the ADRF6655, see the ADRF6655 Control
Software section.
Figure 65. External VCO Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com