Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 25Page - Analog Devices ADRF6655 Datasheet HTML 26Page - Analog Devices ADRF6655 Datasheet HTML 27Page - Analog Devices ADRF6655 Datasheet HTML 28Page - Analog Devices ADRF6655 Datasheet HTML 29Page - Analog Devices ADRF6655 Datasheet HTML 30Page - Analog Devices ADRF6655 Datasheet HTML 31Page - Analog Devices ADRF6655 Datasheet HTML 32Page - Analog Devices ADRF6655 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ADRF6655
Rev. 0 | Page 29 of 44
REGISTER 4—CHARGE PUMP, PFD, AND
REFERENCE PATH CONTROL
With R4[2:0] set to 100, the on-chip charge pump, PFD, and
reference path control register is programmed as shown in
Figure 74.
The charge pump current is controlled by the base charge
pump current (ICP, BASE) and the value of the charge pump
current multiplier (ICP, MULT).
The base charge pump current can be set using an internal or
external resistor (according to DB18 of Register 4). When using an
external resistor, the value of ICP, BASE can be varied according to
[]
8
.
37
250
4
.
217
,
−
⎥
⎦
⎤
⎢
⎣
⎡
×
=
Ω
BASE
CP
I
RSET
(3)
When using the internal resistor, the base charge pump current
is 250 μA. The actual charge pump current can be programmed
to be a multiple (1, 2, 3, or 4) of the charge pump base current.
The multiplying value (ICP, MULT) is equal to 1 plus the value of
Bit DB11 and Bit DB10 in Register 4.
The PFD phase offset multiplier (θPFD,OFS), which is set by Bit DB16
to Bit DB12 of Register 4, causes the PLL to lock with a nominally
fixed phase offset between the PFD reference signal and the
divided-down VCO signal. This phase offset is used to linearize
the PFD-to-CP transfer function and can improve fractional
spurs. The magnitude of the phase offset is determined by
MULT
CP
OFS
PFD
I
,
,
5
.
22
[deg]
θ
=
ΔΦ
Finally, the phase offset can be either positive or negative
depending on the value of DB17 in Register 4.
The reference frequency applied to the PFD can be manipulated
using the internal reference path source. The external reference
frequency applied can be internally scaled in frequency by 2×, 1×,
0.5×, or 0.25×. This allows a broader range of reference frequency
selections while keeping the reference frequency applied to the
PFD within an acceptable range.
The ADRF6655 also provides a MUXOUT pin that can be
programmed to output a selection of several internal signals.
The default mode is to provide a lock-detect output to allow the
user to verify when the PLL has locked to the target frequency.
In addition, several other internal signals may be passed to the
MUXOUT pin, as described in Figure 74.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com