Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 14Page - Analog Devices ADRF6655 Datasheet HTML 15Page - Analog Devices ADRF6655 Datasheet HTML 16Page - Analog Devices ADRF6655 Datasheet HTML 17Page - Analog Devices ADRF6655 Datasheet HTML 18Page - Analog Devices ADRF6655 Datasheet HTML 19Page - Analog Devices ADRF6655 Datasheet HTML 20Page - Analog Devices ADRF6655 Datasheet HTML 21Page - Analog Devices ADRF6655 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ADRF6655
Rev. 0 | Page 18 of 44
V-to-I Converter
The differential RF input signal is applied to a pair of resistively
degenerated common-emitter stages, which converts the
differential input voltage to output currents. The input stage also
provides 50 Ω termination to the RF input port. The linearity
of this V-to-I stage can be optimized for a given frequency with
Pin IP3SET at the expense of power dissipation and noise figure.
An additional way of improving linearity without affecting
power dissipation or noise figure is provided by the CDAC
signal controlled by serial port interface (SPI).
Mixer Core
The mixer core, based on the Gilbert cell design of four cross-
connected transistors, takes the currents from the V-to-I stage
and mixes them with the LO signal. This mixer core can be used
as a downconvert mixer as is or as an upconvert mixer with an
off-chip matching network for a given frequency range.
DIGITAL INTERFACES
The ADRF6655 provides access to the many programmable
features available within the IC using a 3-wire SPI control
interface. The minimum delays and hold times are presented
in the timing diagram in Figure 2. The SPI interface provides
digital control of the internal PLL/VCO as well as several other
features related to the mixer core, on-chip referencing, and available
system monitoring functions. The MUXOUT pin provides access
to several output signals that can be selected via the SPI interface.
The available outputs are buffered, frequency-scaled versions of
the reference, a PLL lock-detect signal, and an internal voltage
that is proportional to the IC junction temperature. Details
regarding the register settings and initialization sequence are
included in the Register Structure section.
NC = NO CONNECT
VCC1
DECL1
CP
GND
RSET
RSET
VSET
REFIN
EXTERNAL
REFERENCE
RF INPUT
MONITOR
OUTPUT
SPI
CONTROL
GND
MUXOUT
DECL2
VCC2
23
GND
24
GND
25
INN
26
INP
ADRF6655
27
VCCMIX
28
GND
29
IP3SET
CHARGE PUMP
LOOP FILTER
+5V
30
GND
22
VCCV2I
21
GND
1
2
3
4
5
6
7
8
9
10
+5V
+5V
+5V
+5V
IF OUTPUT
MATCHING
BALUN AND BIAS
IF OUTPUT
+5V
RF INPUT
MATCHING
BALUN
Figure 52. Basic Circuit Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com