Electronic Components Datasheet Search
  English  ▼

X  

ADRF6655 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6655
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 15Page - Analog Devices ADRF6655 Datasheet HTML 16Page - Analog Devices ADRF6655 Datasheet HTML 17Page - Analog Devices ADRF6655 Datasheet HTML 18Page - Analog Devices ADRF6655 Datasheet HTML 19Page - Analog Devices ADRF6655 Datasheet HTML 20Page - Analog Devices ADRF6655 Datasheet HTML 21Page - Analog Devices ADRF6655 Datasheet HTML 22Page - Analog Devices ADRF6655 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ADRF6655
Rev. 0 | Page 19 of 44
ANALOG INTERFACES
The basic circuit connections for a typical ADRF6655 application
are presented in Figure 52.
SUPPLY CONNECTIONS
The ADRF6655 has several supply connections and on-board
regulated reference voltages that should be bypassed to ground
using low inductance bypass capacitors located in close proximity
to the supply and reference pins of the ADRF6655. Specifically
Pin 1, Pin 2, Pin 9, Pin 10, Pin 17, Pin 22, Pin 27, and Pin 40
should be bypassed to ground using individual bypass capacitors.
Pin 9 is the supply used for the on-board VCO, and for best
phase noise performance, several bypass capacitors ranging
from 100 pF to 10 μF may help to improve phase noise
performance. For additional details on bypassing the supply
nodes, refer to the evaluation board schematic in Figure 82.
SYNTHESIZER CONNECTIONS
The ADRF6655 includes an on-board VCO and PLL for LO
synthesis. An external reference must be applied for the PLL to
operate. The external reference should be ac-coupled and provide a
~1 V p-p nominal input level at Pin 6. The reference is compared
to an internally divided version of the VCO output frequency to
create a charge pump error current to control and lock the VCO. The
charge pump output current is filtered and converted to a VTUNE
control voltage through the external loop filter. ADIsimPLL™
can be a helpful tool when designing the external charge pump
loop filter. The typical Kv of the VCO, the charge pump output
current magnitude, and PFD frequency should all be considered
when designing the loop filter. The charge pump current magnitude
can be set internally or with an external RSET resistor connected
to Pin 5 and ground, along with the internal digital settings
applied to the PLL (see the Register 4—Charge Pump, PFD, and
Reference Path Control section for more details).
OUTPUT MATCHING AND BIASING
The ADRF6655 output stage consists of collector connected
output transistors with on-board pull-up resistors. The output
transistors and pull-up network presents a 200 Ω differential
output impedance in parallel with a small amount of shunt
capacitance. The measured RC equivalent impedance of Pin 18
and Pin 19 is ~250 Ω//1.5 pF. This impedance needs to be taken
into consideration when designing the external output matching
network. In addition to matching the presented output source
impedance to the intended load impedance, it is important to
provide pull-up choke connections to the supply pins to allow
for dc current to directly supply the mixer output transistors.
The reactance of the pull-up chokes may need to be considered
when designing the output matching network. For convenience,
several output matching/bias networks are presented in Figure 53
through Figure 58 for reference.
ADRF6655
T3
850MHz OUTPUT INTERFACE
+VCC
1.5pF
GJM
15nH
0302CS
12nH
0302CS
12nH
0302CS
TC4-14G2+
2.7pF
GJM
1nF
IF OUT
18
19
20
Figure 53. 850 MHz Output Matching Network Using the Center-Tap of the
TC4-14T+ Transformer for Biasing the Open Collector Outputs (Output
return loss measured to be better than 12 dB from 800 MHz to 925 MHz.)
ADRF6655
T3
900MHz OUTPUT INTERFACE
+VCC
1pF
GJM
68nH
0402CS
5.1nH
0402CS
47nH
0603CS
5.1nH
0402CS
+VCC
47nH
0603CS
TC1-1-13M+
1nF
150pF
1nF
IF OUT
150pF
18
19
20
Figure 54. 900 MHz Output Matching Network Using the TC1-1-13M+ 1:1
Impedance Ratio Balun and External Pull-Up Choke Inductors (Output return
loss measured to be better than 12 dB from 815 MHz to 1075 MHz.)
ADRF6655
T3
1200MHz OUTPUT INTERFACE
+VCC
1.8pF
GJM
17nH
0302CS
2.1nH
0302CS
47nH
0603CS
2.1nH
+VCC
47nH
0603CS
TC1-1-13M+
IF OUT
1nF
150pF
1nF
150pF
18
19
20
Figure 55. 1200 MHz Output Matching Network (Output return loss
measured to be better than 12 dB from 950 MHz to 1500 MHz.)
ADRF6655
T3
1300MHz OUTPUT INTERFACE
+VCC
1.2pF
GJM
10nH
0302CS
2.7nH
0402CS
47nH
0603CS
2.7nH
0402CS
+VCC
47nH
0603CS
TC1-1-13M+
IF OUT
1nF
150pF
1nF
150pF
18
19
20
Figure 56. 1300 MHz Output Matching Network (Output return loss
measured to be better than 12 dB from 1075 MHz to 1525 MHz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com