Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24155 Datasheet HTML 1Page - Texas Instruments BQ24155 Datasheet HTML 2Page - Texas Instruments BQ24155 Datasheet HTML 3Page - Texas Instruments BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (charger mode operation), TJ = 0°C to 125°C, TJ = 25°C for
typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF output short current limit
30
mA
BATTERY RECHARGE THRESHOLD
V(RCH)
Recharge threshold voltage
Below V(OREG)
100
120
150
mV
V(AUXPWR) decreasing below threshold,
Deglitch time
130
ms
tFALL = 100ns, 10 mV overdrive
STAT OUTPUTS
Low-level output saturation
IO = 10 mA, sink current
0.4
V
voltage, STAT
VOL(STAT)
High-level leakage current for
Voltage on STAT pin is 5 V
1
mA
STAT
I2C BUS LOGIC LEVELS AND TIMING CHARACTERISTICS
VOL
Output low threshold level
IO = 10 mA, sink current
0.4
V
VIL
Input low threshold level
0.4
V
VIH
Input high threshold level
1.2
V
I(BIAS)
Input bias current
V(pull-up) = 1.8 V, SDA and SCL
1
mA
f(SCL)
SCL clock frequency
3.4
MHz
BATTERY DETECTION
Battery detection current before
Begins after termination detected,
–0.45
mA
charge done (sink current) (1)
V(AUXPWR) ≤ V(OREG)
I(DETECT)
Battery detection time
262
ms
SLEEP COMPARATOR
Sleep-mode entry threshold,
V(SLP)
2.3 V
≤ V(AUXPWR) ≤ V(OREG), VBUS falling
0
40
100
mV
VBUS - VAUXPWR
Sleep-mode exit hysteresis
2.3 V
≤ V(AUXPWR) ≤ V(OREG)
40
100
160
mV
V(SLP_EXIT)
Deglitch time for VBUS rising
Rising voltage, 2-mV overdrive, tRISE = 100ns
30
ms
above V(SLP) + V(SLP_EXIT)
UNDERVOLTAGE LOCKOUT
UVLO
IC active threshold voltage
VBUS rising
3.05
3.3
3.55
V
UVLO(HYS)
IC active hysteresis
VBUS falling from above UVLO
120
150
mV
PWM
Voltage from BOOT pin to SW
During charge or boost operation
6.5
V
pin
Internal top reverse blocking FET
IIN(LIMIT) = 500 mA, Measured from VBUS to
180
250
on-resistance
PMID
Internal top N-channel Switching
Measured from PMID to SW, VBOOT - VSW = 4 V
120
250
m
Ω
FET on-resistance
Internal bottom N-channel FET
Measured from SW to PGND
110
200
on-resistance
f(OSC)
Oscillator frequency
3
MHz
Frequency accuracy
–10%
10%
D(MAX)
Maximum duty cycle
99.5%
D(MIN)
Minimum duty cycle
0
Synchronous mode to
non-synchronous mode transition
Low side FET cycle by cycle current sensing
100
mA
current threshold(2)
CHARGE MODE PROTECTION
Input VBUS OVP threshold
Threshold over VBUS to turn off converter during
6.3
6.5
6.7
V
voltage
charge
V(OVP-IN)
V(OVP_IN) hysteresis
VBUS falling from above V(OVP_IN)
140
mV
V(CSOUT) threshold over V(OREG) to turn off charger
Output OVP threshold voltage
110
117
121
during charge
V(OVP)
%V (OREG)
V(OVP) hysteresis
Lower limit for V(CSOUT) falling from above V(OVP)
11
(1)
Negative charge current means the charge current flows from the battery to charger (discharging battery).
(2)
Bottom N-channel FET always turns on for
Ⅹ60 ns and then turns off if current is too low.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com