Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24155 Datasheet HTML 1Page - Texas Instruments BQ24155 Datasheet HTML 2Page - Texas Instruments BQ24155 Datasheet HTML 3Page - Texas Instruments BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
1
14
7
8
PMID
Thermal
Pad
SW
PGND
SGND
BOOT
VBUS
CSIN
AUXPWR
VREF
SCL
SDA
STAT
ISEL
CSOUT
bq24155
SLUS942 – FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION CONTINUED
During the charging process, the bq24155 monitors its junction temperature (TJ) and reduces the charge current
once TJ increases to approximately 125°C. The bq24155 is available in 14-pin QFN package.
RGY PACKAGE
(Top View)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Battery voltage and current sense input. Bypass it with a ceramic capacitor (minimum 0.1 mF) to
CSOUT
6
I
PGND if there are long inductive leads to battery.
VBUS
14
I
Charger input voltage. Bypass it with a 1-mF ceramic capacitor from VBUS to PGND.
Connection point between reverse blocking FET and high-side switching FET. Bypass it with a
PMID
13
O
minimum of 3.3-mF capacitor from PMID to PGND.
SW
12
O
Internal switch to output inductor connection.
Bootstrap capacitor connection for the high-side FET gate driver. Connect a 10-nF ceramic capacitor
BOOT
1
O
(voltage rating above 10 V) from BOOT pin to SW pin.
PGND
11
Power ground
Charge current-sense input. Battery current is sensed across an external sense resistor. A 0.1-mF
CSIN
9
I
ceramic capacitor to PGND is required.
SCL
2
I
I2C interface clock. Open drain output, connect a 10-k
Ω pullup resistor to 1.8V rail
SDA
3
I/O
I2C interface data. Open drain output, connect a 10-k
Ω pullup resistor to 1.8V rail
Charge status pin. Pull low when charge in progress. Open drain for other conditions. During faults, a
STAT
4
O
128mS pulse is sent out. STAT pin can be disabled by the EN_STAT bit in control register. STAT can
be used to drive a LED or communicate with a host processor.
Internal bias regulator voltage. Connect a 1-mF ceramic capacitor from this output to PGND. External
VREF
8
O
load on VREF is not allowed.
Auxiliary power supply, connected to the battery pack to provide power in high-impedance mode.
AUXPWR
7
I
Bypass it with a 1-mF ceramic capacitor from this pin to PGND.
Input current limiting selection pin. In 32 minutes mode, the ISEL pin is default to be used as the input
ISEL
5
I
current limiting selection pin. When ISEL = High, Iin – limit = 500 mA and when ISEL = Low, Iin – limit
= 100 mA, see the Control Register for details.
SGND
10
-
Signal ground
There is an internal electrical connection between the exposed thermal pad and the PGND pin of the
device. The thermal pad must be connected to the same potential as the PGND pin on the printed
Thermal pad
pad
-
circuit board. Do not use the thermal pad as the primary ground input for the device. PGND/SGND
must be connected to ground at all times.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com