Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24155 Datasheet HTML 1Page - Texas Instruments BQ24155 Datasheet HTML 2Page - Texas Instruments BQ24155 Datasheet HTML 3Page - Texas Instruments BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
ORDERING INFORMATION(1)
Part NO.
MARKING
MEDIUM
QUANTITY
bq24155RGYR
bq24155
Tape and Reel
3000
bq24155RGYT
bq24155
Tape and Reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DISSIPATION RATINGS
(1)
TA ≤ 25°C
DERATING FACTOR
PACKAGE
RqJA
RqJC
POWER RATING
TA > 25°C
QFN-14 (1)
55°C/W(2)
15°C/W
1.82 W
0.018 W/°C
(1)
Maximum power dissipation is a function of TJ(max), RqJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max)-TA] / RqJA.
(2)
This data is based on using a JEDEC High-K 4-layer board and the exposed die pad is connected to a Cu pad on the board. The pad is
connected to the ground plane by a via matrix.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage range (with
VSS
VBUS
–0.3 to 20(3)
V
respect to PGND)
Input voltage range (with
VI
SCL, SDA, ISEL, CSIN, CSOUT, AUXPWR
–0.3 to 7
V
respect to and PGND)
PMID, STAT
–0.3 to 20
V
Output voltage range (with
VO
VREF
6.5
V
respect to and PGND)
SW, BOOT
–0.7 to 20
V
Voltage difference between CSIN and CSOUT inputs (V(CSIN) -V(CSOUT) )
±7
V
Voltage difference between BOOT and SW inputs (V(BOOT) -V(SW) )
–0.3 to 7
V
Output sink
STAT
10
mA
IO
Output current (average)
SW
1.25
A
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
All voltages are with respect to PGND if not specified. Currents are positive into, negative out of the specified terminal.
(3)
The bq24155 family can withstand up to 10.6 V continuously and 20 V for a minimum of 432 hours.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VBUS
Supply voltage, VBUS
4
6(1)
V
TJ
Operating junction temperature range
0
+125
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOT or SW pins. A tight
layout minimizes switching noise.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com