Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24155 Datasheet HTML 1Page - Texas Instruments BQ24155 Datasheet HTML 2Page - Texas Instruments BQ24155 Datasheet HTML 3Page - Texas Instruments BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1 mF
C VREF
LO 1.0 H
m
10nF
C BOOT
+
PACK -
PACK +
1mF
C AUXPWR
SCL
SDA
CSOUT
CSIN
PGND
SW
I2CBUS
bq24155
10kW
VAUX
HOST
SCL
SDA
STAT
VREF
STAT
PMID
VBUS
C IN
VBUS
C IN
1 F
m
4.7 F
m
BOOT
ISEL
U1
AUXPWR
ISEL
C O
1 0mF
R SNS
0.1 mF
10kW
10kW
10kW
SGND
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
Check for Samples: bq24155
1
FEATURES
2
•
Charge Faster than Linear Chargers
APPLICATIONS
•
Mobile and Smart Phones
•
High-Accuracy Voltage and Current Regulation
•
MP3 Players
–
Input Current Regulation Accuracy: ±5%
•
Handheld Devices
(100 mA and 500 mA)
–
Charge Voltage Regulation Accuracy:
DESCRIPTION
±0.5% (25°C), ±1% (0°C-125°C)
The bq24155 is a compact, flexible, high-efficiency,
–
Charge Current Regulation Accuracy: ±5%
USB-friendly
switch-mode
charge
management
•
High-Efficiency Mini-USB/AC Battery Charger
device for single-cell Li-ion and Li-polymer batteries
for Single-Cell Li-Ion and Li-Polymer Battery
used in a wide range of portable applications. The
Packs
charge parameters can be programmed through an
•
20-V Absolute Maximum Input Voltage Rating
I2C interface. The bq24155 integrates a synchronous
PWM controller, power FETs, input current sensing,
•
6-V Maximum Operating Input Voltage
high-accuracy current and voltage regulation, and
•
Built-In Input Current Sensing and Limiting
charge termination, into a small WCSP package.
•
Integrated Power FETs for Up To 1.25-A
The bq24155 charges the battery in three phases:
Charge Rate
conditioning, constant current and constant voltage.
•
Programmable Charge Parameters through
The input current is automatically limited to the value
I2C™ Compatible Interface (up to 3.4 Mbps):
set by the host. Charge is terminated based on
user-selectable minimum current level. A safety timer
–
Input Current
with reset control provides a safety backup for I2C
–
Fast-Charge/Termination Current
interface.
During
normal
operation,
bq24155
–
Charge Voltage (3.5 V to 4.44 V)
automatically restarts the charge cycle if the battery
–
Safety Timer with Reset Control
voltage
falls
below
an
internal
threshold
and
automatically enters sleep mode or high impedance
–
Termination Enable
mode when the input supply is removed. The charge
•
Synchronous Fixed-Frequency PWM
status is reported to the host using the I2C compatible
Controller Operating at 3 MHz with 0% to
interface.
99.5% Duty Cycle
Typical Application Circuit
•
Automatic High Impedance Mode for Low
Power Consumption
•
Robust Protection
–
Reverse Leakage Protection Prevents
Battery Drainage
–
Thermal Regulation and Protection
–
Input/Output Overvoltage Protection
•
Status Output for Charging and Faults
•
USB Friendly Boot-Up Sequence
•
Automatic Charging
•
Power Up System without Battery
•
3.5 mm x 3.5 mm 14-Pin QFN Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFR TI-bq24150AYFFR Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFT TI-bq24150AYFFT Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150YFFR TI-BQ24150YFFR Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24180 TI-BQ24180_1 Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com