Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24155 Datasheet HTML 2Page - Texas Instruments BQ24155 Datasheet HTML 3Page - Texas Instruments BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments BQ24155 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CVREF
10 nF
CBOOT
+
PACK -
PACK +
CAUXPWR
SCL
SDA
CSOUT
CSIN
PGND
SW
I
2
CBUS
VAUX
HOST
SCL
SDA
STAT
VREF
STAT
PMID
VBUS
CIN
VBUS
CIN
BOOT
ISEL
U1
AUXPWR
ISEL
CO
RSNS
CCSIN
VBAT
1 F
m
4.7 F
m
10kW
10kW
10kW
10kW
10kW
L
1.0 H
O
m
68mW
10 F
m
0.1 F
m
1 F
m
1 F
m
bq24155
SGND
bq24155
SLUS942 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (charger mode operation), TJ = 0°C to 125°C, TJ = 25°C for
typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cycle-by-cycle current limit for
I(LIMIT)
Charge mode operation
1.5
2.3
3
A
charge
Short-circuit voltage threshold
V(AUXPWR) falling
1.9
2
2.1
V
V(SHORT)
V(SHORT) hysteresis
V(AUXPWR) rising from below V(SHORT)
100
mV
I(SHORT)
Short-circuit current
V(AUXPWR) ≤ V(SHORT)
5
10
15
mA
PROTECTION
T(SHTDWN)
Thermal trip
165
Thermal hysteresis
10
°C
T(CF)
Thermal regulation threshold(3)
Charge current begins to reduce
120
Time constant for the 32 second
T(32S)
32 Second mode
12
32
s
timer
(3)
Verified by design
TYPICAL APPLICATION CIRCUITS
VBUS = 5 V, I(CHARGE) = 1250 mA, VBAT = 3.5 V to 4.44 V (adjustable), Safety Timer = 32 minutes or 32
seconds.
Figure 1. I2C Controlled 1-Cell Charger Application Circuit
VBUS = 5 V, I(IN_LIMIT) = 500 mA, VOUT = 3.5 V to 4.44 V (adjustable), Safety Timer = 32 minutes or 32 seconds.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com