Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24155 Datasheet HTML 17Page - Texas Instruments BQ24155 Datasheet HTML 18Page - Texas Instruments BQ24155 Datasheet HTML 19Page - Texas Instruments BQ24155 Datasheet HTML 20Page - Texas Instruments BQ24155 Datasheet HTML 21Page - Texas Instruments BQ24155 Datasheet HTML 22Page - Texas Instruments BQ24155 Datasheet HTML 23Page - Texas Instruments BQ24155 Datasheet HTML 24Page - Texas Instruments BQ24155 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
REGISTER DESCRIPTION
Table 3. Status/Control Register (Read/Write)
Memory Location: 00, Reset State: x1xx 0xxx
BIT
NAME
READ/WRITE
FUNCTION
Write: TMR_RST function, write "1" to reset the safety timer (auto clear)
B7 (MSB)
TMR_RST/ISEL
Read/Write
Read: ISEL pin status, 0-ISEL pin at Low level, 1-ISEL pin at High level
B6
EN_STAT
Read/Write
0-Disable STAT pin function, 1-Enable STAT pin function (default 1)
B5
STAT2
Read Only
00-Ready, 01-Charge in progress, 10-Charge done, 11-Fault
B4
STAT1
Read Only
B3
BOOST
Read Only
NA
B2
FAULT_3
Read Only
Charge mode: 000-Normal, 001-VBUS OVP, 010-Sleep mode, 011-Poor input
B1
FAULT_2
Read Only
source or VBUS < UVLO, 100-Output OVP, 101-Thermal shutdown, 110-Timer
fault, 111-No battery
B0 (LSB)
FAULT_1
Read Only
Table 4. Control Register (Read/Write)
Memory Location: 01, Reset State: 0011 0000 (30H)
BIT
NAME
READ/WRITE
FUNCTION
B7 (MSB)
Iin_Limit_2
Read/Write
00-USB host with 100-mA current limit, 01-USB host with 500-mA current limit,
10-USB host/charger with 800-mA current limit, 11-No input current limit
B6
Iin_Limit_1
Read/Write
(default 00)
B5
VLOWV_2(1)
Read/Write
200-mV weak battery voltage threshold (default 1)
B4
VLOWV_1(1)
Read/Write
100-mV weak battery voltage threshold (default 1)
1-Enable charge current termination, 0-Disable charge current termination
B3
TE
Read/Write
(default 0)
B2
CE
Read/Write
1-Charger is disabled, 0-Charger enabled (default 0)
B1
HZ_MODE
Read/Write
1-High impedance mode, 0-Not high impedance mode (default 0)
B0 (LSB)
OPA_MODE
Read/Write
1-NA, 0-Charger mode (default 0)
(1)
The range of the weak battery voltage threshold (V(LOWV)) is 3.4 V to 3.7 V and step of 100 mV (default 3.7 V).
Table 5. Control/Battery Voltage Register (Read/Write)
Memory Location: 02, Reset State: 0000 1010 (0AH)
BIT
NAME
READ/WRITE
FUNCTION
B7 (MSB)
VO(REG5)
Read/Write
Battery regulation voltage: 640mV (default 0)
B6
VO(REG4)
Read/Write
Battery regulation voltage: 320mV (default 0)
B5
VO(REG3)
Read/Write
Battery regulation voltage: 160mV (default 0)
B4
VO(REG2)
Read/Write
Battery regulation voltage: 80mV (default 0)
B3
VO(REG1)
Read/Write
Battery regulation voltage: 40mV (default 1)
B2
VO(REG0)
Read/Write
Battery regulation voltage: 20mV (default 0)
B1
NA
Read/Write
NA
B0 (LSB)
NA
Read/Write
NA
Charge voltage range is 3.5 V to 4.44 V with the offset of 3.5 V and step of 20 mV (default is 3.54 V).
Table 6. Vender/Part/Revision Register (Read only)
Memory Location: 03, Reset State: 0100 x001
BIT
NAME
READ/WRITE
FUNCTION
B7 (MSB)
Vender2
Read Only
Vender Code: bit 2 (default 0)
B6
Vender1
Read Only
Vender Code: bit 1 (default 1)
B5
Vender0
Read Only
Vender Code: bit 0 (default 0)
B4
PN1
Read Only
Part Number Code: bit 1 (default 0)
B3
PN0
Read Only
Part Number Code: bit 0 (default 0 for bq24151, default 1 for bq24155)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com