Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ24155 Datasheet HTML 22Page - Texas Instruments BQ24155 Datasheet HTML 23Page - Texas Instruments BQ24155 Datasheet HTML 24Page - Texas Instruments BQ24155 Datasheet HTML 25Page - Texas Instruments BQ24155 Datasheet HTML 26Page - Texas Instruments BQ24155 Datasheet HTML 27Page - Texas Instruments BQ24155 Datasheet HTML 28Page - Texas Instruments BQ24155 Datasheet HTML 29Page - Texas Instruments BQ24155 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
High
Frequency
Current
Path
L1
R1
C3
C1
VBUS
PMID
C2
PGND
SW
V
BAT
BAT
VIN
ChargeCurrentDirection
ToCSINandCSOUTpin
R
SNS
ToInductor
ToCapacitorandbattery
CurrentSensingDirection
4.7uF
1uF
Vin+
Vin-
VBUS
4.7uF
1uF
Vin+
Vin-
VBUS
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
•
Place 4.7uF input capacitor as close to PMID pin and PGND pin as possible to make high frequency current
loop area as small as possible. Place 1uF input capacitor as close to VBUS pin and PGND pin as possible to
make high frequency current loop area as small as possible (see Figure 25).
Figure 23. High Frequency Current Path
Figure 24. Sensing Resistor PCB Layout
Figure 25. Input Capacitor Position and PCB Layout Example
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com