Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24155 Datasheet HTML 4Page - Texas Instruments BQ24155 Datasheet HTML 5Page - Texas Instruments BQ24155 Datasheet HTML 6Page - Texas Instruments BQ24155 Datasheet HTML 7Page - Texas Instruments BQ24155 Datasheet HTML 8Page - Texas Instruments BQ24155 Datasheet HTML 9Page - Texas Instruments BQ24155 Datasheet HTML 10Page - Texas Instruments BQ24155 Datasheet HTML 11Page - Texas Instruments BQ24155 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
VSW
2V/div
I
0.5 A/div
L
2
S/div
m
Vbus=5V,Vbat=3.6VChargemode
operation
V
5V/div
BUS
V
1V/div
BAT
ISEL
5V/div
I
50mA/div
BAT
20mS/div
V
=0-5V,
NoBattery,
C
=100 F,
R
=5k
IN
OUT
LOAD
m
W
ISEL
5V/div
I
0.2 A/div
BUS
0.5S/div
Vbus=5V,Iin_limit=100/500mA,
(ISEL Control,32MinuteMode),
Iin_limit=100mA (I CControl,32SecondMode)
2
32Minute
Mode
32Second
Mode
80
82
84
86
88
90
92
0
100 200 300 400 500 600 700
800 900 1000 1100 1200 1300
ChargeCurrent-mA
Vbat=4V
Vbat=3V
Vbat=3.6V
V
=5V
BUS
bq24155
SLUS942 – FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
BATTERY DETECTION AT POWER UP
CYCLE BY CYCLE CURRENT LIMIT IN CHARGE MODE
Figure 7.
Figure 8.
INPUT CURRENT CONTROL
CHARGER EFFICIENCY
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com