Electronic Components Datasheet Search
  English  ▼

X  

BQ24155 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24155
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24155 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ24155 Datasheet HTML 13Page - Texas Instruments BQ24155 Datasheet HTML 14Page - Texas Instruments BQ24155 Datasheet HTML 15Page - Texas Instruments BQ24155 Datasheet HTML 16Page - Texas Instruments BQ24155 Datasheet HTML 17Page - Texas Instruments BQ24155 Datasheet HTML 18Page - Texas Instruments BQ24155 Datasheet HTML 19Page - Texas Instruments BQ24155 Datasheet HTML 20Page - Texas Instruments BQ24155 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
STARTCondition
DATA
CLK
STOP Condition
S
P
bq24155
www.ti.com
SLUS942 – FEBRUARY 2010
To reduce the output voltage ripple, a ceramic capacitor with the capacitance between 4.7 mF and 47 mF is
recommended for COUT, see the application section for components selection.
Pre-Regulator Application
Figure 2 shows a typical pre-regulator application that the bq24155 operates as a DC/DC converter, with the
termination disabled. In this application, the host charge controller controls switch Q to achieve pulse-charging
function, and bq24155 converts the input voltage to the lower output voltage (VOREG). The robust internal
compensation design ensures the stable operation when the host-controlled switch Q is turned off. With the input
overvoltage protection, output current regulation and high efficiency power conversion, the bq24155 is an ideal
choice for pre-regulator used in pulse charging applications.
SERIAL INTERFACE DESCRIPTION
I2C™ is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the
bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus
through open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal
processor, controls the bus. The master is responsible for generating the SCL signal and device addresses. The
master also generates specific conditions that indicate the START and STOP of data transfer. A slave device
receives and/or transmits data on the bus under control of the master device.
The bq24155 device works as a slave and is compatible with the following data transfer modes, as defined in the
I2C-Bus™ Specification: standard mode (100 kbps), fast mode (400 kbps), and high-speed mode (up to 3.4 Mbps
in write mode). The interface adds flexibility to the battery charge solution, enabling most functions to be
programmed to new values depending on the instantaneous application requirements. Register contents remain
intact as long as supply voltage remains above 2.2 V (typical). I2C is asynchronous, which means that it runs off
of SCL. The device has no noise or glitch filtering on SCL, so SCL input needs to be clean. Therefore, it is
recommended that SDA changes while SCL is LOW.
The data transfer protocol for standard and fast modes is exactly the same; therefore, they are referred to as the
F/S-mode in this document. The protocol for high-speed mode is different from the F/S-mode, and it is referred to
as the HS-mode. The bq24155 device only supports 7-bit addressing. The device 7-bit address is defined as
‘1101011’ (6BH).
F/S Mode Protocol
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 15. All I2C-compatible devices should
recognize a start condition.
Figure 15. START and STOP Condition
The master then generates the SCL pulses, and transmits the 8-bit address and the read/write direction bit R/W
on the SDA line. During all transmissions, the master ensures that data is valid. A valid data condition requires
the SDA line to be stable during the entire high period of the clock pulse (see Figure 16). All devices recognize
the address sent by the master and compare it to their internal fixed addresses. Only the slave device with a
matching address generates an acknowledge (see Figure 16) by pulling the SDA line low during the entire high
period of the ninth SCL cycle. Upon detecting this acknowledge, the master knows that communication link with a
slave has been established.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): bq24155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com