Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 66 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 66 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 62Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 63Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 64Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 65Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 66Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 67Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 68Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 69Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 70Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
TC1213 Through Hole Power Inductors
Configurations & Dimensions
A
B
D
C
BottomView
TC
F
E
I
G
H
Top View
Land Pattern
Type
A(max)
B(max)
C ± 1.0
D(max)
E(Ref.)
F(Ref.)
G
H
I
TC1213
14.0
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
TC1213A
14.0
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
TC1213B
14.5
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
Note: Design as Customer’s Requested Specifications.
Electrical Characteristics
Part Number
Inductance(µH) Test Freq.(KHz) DCR (Ω)(max) Peak Current (A) (max) Irms (A)(max)
TC1213 - R68N
0.68
100
0.0015
40.00
20.00
TC1213A - R33N
0.33
100
0.0015
40.00
20.00
TC1213B - 1R0N
1.00
100
0.0015
35.00
20.00
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at Peak Current.
ΔT=40°C rise at Irms.
Part Number: TC1213, TC1213A , TC1213B
How to Order
1R0
TC1213B
N
Code
Inductance
R68
0.68µH
1R0
1.00µH
Inductance
Tolerance
Code
Tolerance
N
30%
Back to 1st Page - Power Inductors Through Hole (TC1213)
64 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com