Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
Fixed Inductor Terminology Glossary
Self-Resonant Frequency (SRF)
The frequency at which the inductor’s distributed capacitance resonates with the inductance. It is at this
frequency that the inductance is equal to the capacitance and they cancel each other. The inductor will
act purely resistive with a high impedance at the SRF point.
The distributed capacitance is caused by the turns of wire layered on top of each other and around the core.
This capacitance is in parallel to the inductance. At frequencies above the SRF, the capacitive reactance of
the parallel combination will become the dominant component.
Also, the Q of the inductor is equal to zero at the SRF point since the inductive reactance is zero. The SRF
is specified in MHz and is listed as a minimum value on product data sheets.
Shielded Inductor
An inductor designed for its core to contain a majority of its magnetic field. Some inductor designs are
self shielding. Examples of these are magnetic core shapes which include toroids, pot cores and E-cores.
Magnetic core shapes such as slug cores and bobbins require the application of a magnetic sleeve or
similar method to yield a shielded inductor.
It should be noted that magnetic shielding is a matter of degree. A certain percentage of the magnetic f
ield will escape the core material. This is even applicable for toroidal cores as lower core permeabilities
will have higher fringing fields than will high permeability toroidal cores.
Toroidal Inductor
An inductor constructed by placing a winding(s) on a core that has a donut shaped surface. Toroidal
cores are available in many magnetic core materials within the four basic types: Ferrite, Powdered Iron,
Alloy and High Flux, and Tape Wound. Characteristics of toroidal inductors include: self shielding
(closed magnetic path), efficient energy transfer, high coupling between windings, and early saturation.
05 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com