Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 59 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 59 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 60Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 61Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 62Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 63Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
TCRS Choke Coil Inductors Radial
(TCRS0807) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRS0807 - 220M
22.00
1
0.080
1.60
TCRS0807 - 270M
27.00
1
0.100
1.40
TCRS0807 - 330M
33.00
1
0.140
1.30
TCRS0807 - 390M
39.00
1
0.150
1.20
TCRS0807 - 470M
47.00
1
0.170
1.10
TCRS0807 - 560M
56.00
1
0.190
0.99
TCRS0807 - 680M
68.00
1
0.210
0.89
TCRS0807 - 820M
82.00
1
0.270
0.81
TCRS0807 - 101M
100.00
1
0.320
0.74
TCRS0807 - 121M
120.00
1
0.360
0.67
TCRS0807 - 151M
150.00
1
0.510
0.60
TCRS0807 - 181M
180.00
1
0.570
0.55
TCRS0807 - 221M
220.00
1
0.760
0.50
TCRS0807 - 271M
270.00
1
0.860
0.45
TCRS0807 - 331M
330.00
1
0.970
0.41
TCRS0807 - 391M
390.00
1
1.280
0.37
TCRS0807 - 471M
470.00
1
1.440
0.34
TCRS0807 - 561M
560.00
1
1.610
0.31
TCRS0807 - 681M
680.00
1
2.070
0.28
TCRS0807 - 821M
820.00
1
2.330
0.26
TCRS0807 - 102M
1000.00
1
2.720
0.23
TCRS0807 - 122M
1200.00
1
3.980
0.21
TCRS0807 - 152M
1500.00
1
4.500
0.19
TCRS0807 - 182M
1800.00
1
6.810
0.17
TCRS0807 - 222M
2200.00
1
7.560
0.16
TCRS0807 - 272M
2700.00
1
8.540
0.14
TCRS0807 - 332M
3300.00
1
9.740
0.13
TCRS0807 - 392M
3900.00
1
12.900
0.12
TCRS0807 - 472M
4700.00
1
14.700
0.11
TCRS0807 - 562M
5600.00
1
20.400
0.099
TCRS0807 - 682M
6800.00
1
23.000
0.089
TCRS0807 - 822M
8200.00
1
30.600
0.081
TCRS0807 - 103M
10000.00
1
35.000
0.074
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
57 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com