Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 67 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 67 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 63Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 64Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 65Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 66Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 67Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 68Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 69Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 70Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 71Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
Large Current
Power Inductors
TCLP/TCVP Power Inductors
Token introduces high-current & high saturation
flux density compact power inductor (TCLP/TCVP)
Preview
Token Electronics Power Solutions has enhanced its toroidal surface-mount and radial lead inductor portfolios
with the addition of four new ranges of RoHS compliant components. The surface mount (TCLP/TCVP) series
are general-purpose radial leaded inductors suitable for providing high saturation flux density and higher current
ratings applications such as those found in power supplies.
The (TCLP/TCVP) series of toroidal surface-mount inductors meanwhile are designed for use in switching
AC/DC power supplies and DC/DC converters. Both of TCLP and TCVP version secure 4 terminal mounting
inductor more versatile inductance combination by series or parallel connections. Token (TCLP/TCVP) surface
mount magnetics that can be used as single, or coupled inductors, or 1:1 transformers that provide isolation
between two windings are designed around high frequency low loss material.
The (TCLP/TCVP) series toroidal surface-mount inductors have compact overall dimensions with a maximum
overall height of less than 13 mm and 21 mm. The toroidal construction of the new inductors aids design
engineers by helping minimise EMI issues.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- high saturation for surface mounting.
- Large Current and Low DCR.
Applications :
- TV BOX.
- Power supply applications.
- Output Ripple Current Filter.
65 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com