Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Measurements of Fixed Inductors
Maximum Allowable Current
The maximum allowable current is a DC Current which causes initialinductance to decrease by 10% or
30%. Or coil temperature to rise by 20°C or 40°C, whichever is smaller. (Reference ambient temperature:
20°C)
Solderability
After immersion of terminals in flux for 5 to 10 seconds, dip theterminals in the solder bath at 245±5°C for
2±0.5 seconds. Makecertain that more than 3/4 of the surface of the terminals are coatedwith new solder.
Dry Heat Test
The change in inductance, if any, is measured after exposure to 85±2°C in a test chamber for 500±12 hours
and for 1 to 2 hours at room temperature.
Shock Tests
The change in inductance, if any, is measured after the following tests.
● Free Fall Drop Test: A specimen coil is mounted on a test board and dropped freely 3 times
from a height of 1 meter.
● Impact Tester: A specimen inductor is mounted on a test board and dropped 3 times in three
directions with shock applied for 0.01 seconds at 981 m/s2. The change in inductance, if any,
is measured after the tests.
Vibration Test
The change in inductance, if any, is measured after the following condition:
● A specimen coil/inductor is mounted on a test board of vibration instrument.
● Overall amplitude: 1.5mm, frequency range: 10~55Hz, and swept in the (10~55~10)Hz order
per minute for 2 hrs in each of the 3 directions for total of 6 hrs.
Humidity Test
The change in inductance, if any, is measured after exposure in a test chamber to humidity of 90% to
95% R.H. at 60±2°C for 500±12 hours and 1 hour exposure at room temperature.
07 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com