Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 79 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 79 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 75Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 80Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 81Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 82Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 83Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
High Current
Toroidal Inductor
TCTC High Current Toroidal Inductors
Low Loss Powdered Iron Cores, Low EMI
Toroidal Coils (TCTC)
Preview
Toroidal inductors and transformers are electronic components with the high performers among
inductors, typically consisting of a circular ring-shaped magnetic core of iron powder, ferrite, or
other material around which wire is coiled to make an inductor. Their windings cool better because
of the proportionally larger surface area. Toroidal inductors with a round core cross section are better
performers than toroidal inductors with a rectangular cross section.
Token’s TCTC Toroidal Series manufactured by Low loss powdered iron cores offer the smallest size
by volume and weight, and lower electromagnetic interference (EMI). Token toroidal can have higher
Q factors and higher inductance than similarly constructed solenoid coils. This is due largely to the
smaller number of turns required when the core provides a closed magnetic path. The magnetic flux in
a toroid is largely confined to the core, preventing its energy from being absorbed by nearby objects,
making toroidal cores essentially self-shielding. The TCTC series is suitable for a broad range of
applications, such as high-frequency coils and transformers.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications
to meet specific customer requirements, please contact our sales for more information.
Features :
- Low EMI.
- Low Cost.
- High Current.
Applications :
- Notebook, Inkjet Printer,Copying Machine,
- Copying Machine, Display Monitor, ADSL Modem,
- Color TV, Video Camera, Air Conditioner, Refrigerator,
- Laundry Machine, Microwave Oven and Car Electronics, etc..
77 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com