Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 84 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 84 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 80Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 81Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 82Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 83Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 84Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 85Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
Broadband
Choke Inductors
TCWB Broadband Choke Inductors
Excellent EMI Suppression Capability
Inductor Filter Coils Wide Band Chokes (TCWB)
Preview
Broadband choke inductors, also known as choke coils, is a common mode ferrite as the core of the
interference suppression devices. It consists of two same size, the same number of turns of coils,
symmetrically wound on the same ferrite toroidal cores, and forming a four-terminal device.
Shown on the common-mode signal inhibits the growth of large inductor, but for differential-mode
signal showing a small leakage inductance is almost ineffective. Choke coils used in a balanced circuit
can effectively suppress common mode interference signals (such as lightning interference), while the
normal transmission line differential-mode signal has no effect.
Token’s TCWB series use of insulation between the coil core winding method. To ensure that the
transient over-voltage under the action of short circuit breakdown does not occur. And when the
instantaneous high currents flowing through the coil, the core is not saturated. The wide band choke
cores mainly used in the PC boards to filters the EMI from the outsides.
Token utilizes the latest winding technology reducing parasitic capacitance of the coil and enhancing
the ability of transient over-voltage. Token Electronics will also produce devices outside these
specifications to meet customer requirements, with comprehensive application engineering and design
support available for customers worldwide.
Features :
- Ferrite core construction of low cost.
Applications :
- VGA card, EGA card, Mother board, TV game.
82 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com