Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 74 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 74 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 70Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 71Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 72Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 73Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 74Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 75Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
Common Mode
Choke Coil Inductors
TCB7T Choke Coil Inductors
Leaded type common mode inductor Chokes
clean up high-speed signals (TCB7T)
Preview
Token TCB7T series wire-wound common-mode choke coil includes a magnetic core having a winding
core portion and a pair of flanges provided at respective ends of the winding core portion, external
electrodes provided on the respective flanges, a pair of windings wound around the winding core
portion, each end of the pair of the windings being extended and connected to the external electrode.
For designers seeking to suppress common mode noise on high speed differential signal lines, without
distortion, Token has announced the TCB7T Series of compact through hole common-mode choke
coils. Taking advantage of Token’s advanced winding technology and superior ferrite materials, the
TCB7T coils are ultracompact and provide accurate transmission of high-speed differential signals.
Common mode choke coil circuits are increasingly being used for the effective suppression of common
mode noise without distorting the waveform of high-speed signals. The TCB7T wirewound coils
measure just 7.2 x 7.1 x 4.5 mm in maximum profile, with a tight ±0.5 mm dimensional tolerance,
making them ideal for today’s high speed products, particularly those incorporating double balance
mixers, impedance transformers,broad-band transformers applications.
Custom parts are available on request. Token will also produce devices outside these specifications to
meet specific customer requirements, please contact our sales for more information.
Features :
- Pair wire coil for high stability.
Applications :
- Double balance mixers, impedance transformers.
- broad-band transformers.
72 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com